Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM4T33CAY Datasheet(PDF) 9 Page - STMicroelectronics

Part # SM4T33CAY
Description  Automotive 400 W Transil
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM4T33CAY Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SM4T33CAY Datasheet HTML 4Page - STMicroelectronics SM4T33CAY Datasheet HTML 5Page - STMicroelectronics SM4T33CAY Datasheet HTML 6Page - STMicroelectronics SM4T33CAY Datasheet HTML 7Page - STMicroelectronics SM4T33CAY Datasheet HTML 8Page - STMicroelectronics SM4T33CAY Datasheet HTML 9Page - STMicroelectronics SM4T33CAY Datasheet HTML 10Page - STMicroelectronics SM4T33CAY Datasheet HTML 11Page - STMicroelectronics SM4T33CAY Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SM4TY
Package information
Doc ID 17862 Rev 3
9/12
4
Package information
Case: JEDEC DO-214AB molded plastic over planar junction
Terminals: solder plated, solderable as per MIL-STD-750, Method 2026
Polarity: for unidirectional types the band indicates cathode
Flammability: epoxy is rated UL 94, V0
RoHS package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 3.
SMA dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.094
A2
0.05
0.20
0.002
0.008
b
1.25
1.65
0.049
0.065
c
0.15
0.40
0.006
0.016
D
2.25
2.90
0.089
0.114
E
4.80
5.35
0.189
0.211
E1
3.95
4.60
0.156
0.181
L
0.75
1.50
0.030
0.059
Figure 17.
SMA footprint dimensions in
mm (inches)
Figure 18.
Marking layout(1)
1.
Marking layout can vary according to assembly location.
E
C
L
E1
D
A1
A2
b
2.63
(0.104)
5.43
(0.214)
1.4
1.64
(0.064)
1.4
(0.055)
(0.055)
y w w
z
x x x
ECOPACK compliance
Z: Manufacturing location
Y: Year
WW: week
Cathode bar (unidirectional devices only )
x
XXXX: Marking


Similar Part No. - SM4T33CAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM4T33CAY STMICROELECTRONICS-SM4T33CAY Datasheet
642Kb / 14P
   Automotive 400 W TVS in SMA
Rev 5 - January 2022
More results

Similar Description - SM4T33CAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T68AY STMICROELECTRONICS-SM4T68AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T6V7AY STMICROELECTRONICS-SM4T6V7AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T18CAY STMICROELECTRONICS-SM4T18CAY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM15T39CAY STMICROELECTRONICS-SM15T39CAY Datasheet
227Kb / 12P
   Automotive 1500 W Transil
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com