Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXD3XGGI2E00046G Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # TXD3XGGI2E00046G
Description  Transceiver with Digital Diagnostics
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TXD3XGGI2E00046G Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  TXD3XGGI2E00046G Datasheet HTML 1Page - OPLINK Communications Inc. TXD3XGGI2E00046G Datasheet HTML 2Page - OPLINK Communications Inc. TXD3XGGI2E00046G Datasheet HTML 3Page - OPLINK Communications Inc. TXD3XGGI2E00046G Datasheet HTML 4Page - OPLINK Communications Inc. TXD3XGGI2E00046G Datasheet HTML 5Page - OPLINK Communications Inc. TXD3XGGI2E00046G Datasheet HTML 6Page - OPLINK Communications Inc. TXD3XGGI2E00046G Datasheet HTML 7Page - OPLINK Communications Inc. TXD3XGGI2E00046G Datasheet HTML 8Page - OPLINK Communications Inc. TXD3XGGI2E00046G Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
S0330. Rev.04. (web) 2013-01-09
Pb
TXD3XGGI2xx
TheTXD3XGGI2xx DWDM XFP multi-rate fiber optic transceivers with digital
diagnostics monitoring functionality provide a quick and reliable interface
for 40km 10Gbps DWDM applications. The diagnostic functions, alarm and
warning features as described in the XFP Multi-Source Agreement (MSA)
are provided via standard I2C serial interface. The transceivers are compliant
with the XFP Multi-Source Agreement and are designed to support SONET/
SDH, 10G Ethernet, and 10G Fiber Channel data rates from 9.95Gb/s to
11.09Gb/s.
Each transceiver utilizes an electro-absorption modulator integrated laser
with an operating wavelength in full compliance with 100GHz (0.8nm)
spacing per the ITU-grid. The transceivers satisfy Class I Laser Safety
requirements in accordance with the U.S. FDA/CDRH and international IEC-
60825 standards.
The transceivers connect to standard 30-pad XFP connectors for hot plug
capability. This allows the system designer to make configuration changes
or maintenance by simply plugging in different types of transceivers
without removing the power supply from the host system.
The transmitter and receiver DATA interfaces are AC coupled Current Mode
Logic (CML). LV-TTL Transmitter Disable control input and Loss of Signal
output interfaces are also provided.
The transceivers operate from +3.3V and +5.0V power supplies over a
operating case temperature range of -5°C to +70°C (Commercial), -5°C to
+85°C (Extended), or -40°C to +85°C (Industrial).
Product Description
Lead Free Design & Fully RoHS Compliant
Compliant with XFP MSA
Compliant with OC-192/STM-64
Compliant with ITU-T G.709
Support DWDM 10G Ethernet Applications
Support 10G Fiber Channel Applications
Digital Diagnostics Monitoring
Temperature-stabilized EML Transmitter
Low Power Consumption
Wide Case Operating Temperature Range
Transmission Distance up to 40km
Features
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature
T
ST
- 40
+ 85
°C
Operating Case Temperature 1
Commercial
T
OP
- 5
+ 70
°C
Extended
- 5
+ 85
Industrial
- 40
+ 85
Supply Voltage
V
CC 3
- 0.2
+ 3.6
V
V
CC 5
- 0.2
+ 6.0
Operating Relative Humidity 2
RH
0
85
%
Input Voltage
V
IN
0
V
CC
V
1
Case temperature is measured on top side of XFP module.
2
Non condensing
Absolute Maximum Ratings
Multi-rate 10-Gigabit DWDM 40km XFP
Transceiver with Digital Diagnostics


Similar Part No. - TXD3XGGI2E00046G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXD3XGHL2C00017G OPLINK-TXD3XGHL2C00017G Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
TXD3XGHL2C00018G OPLINK-TXD3XGHL2C00018G Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
TXD3XGHL2C00019G OPLINK-TXD3XGHL2C00019G Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
TXD3XGHL2C00020G OPLINK-TXD3XGHL2C00020G Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
TXD3XGHL2C00021G OPLINK-TXD3XGHL2C00021G Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
More results

Similar Description - TXD3XGGI2E00046G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRBCG1HXZX000E1G OPLINK-TRBCG1HXZX000E1G Datasheet
309Kb / 5P
   sfp Transceiver Digital Diagnostics
TRPAG1SXLAES OPLINK-TRPAG1SXLAES Datasheet
464Kb / 5P
   Gigabit Ethernet SFP Multimode Transceiver with Digital Diagnostics
TRPC03-E1G OPLINK-TRPC03-E1G Datasheet
453Kb / 5P
   Transceivers with Digital Diagnostics
TRPE03-E1 OPLINK-TRPE03-E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGHI2X OPLINK-TXC3XGHI2X Datasheet
768Kb / 7P
   Transceivers with Digital Diagnostics
TRPE03AI1C000E1 OPLINK-TRPE03AI1C000E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TRXAG1SX OPLINK-TRXAG1SX Datasheet
293Kb / 5P
   Transceivers with Digital Diagnostics
TRPEG1KVX-E1G OPLINK-TRPEG1KVX-E1G Datasheet
638Kb / 5P
   Transceivers with Digital Diagnostics
TRPE48KE2 OPLINK-TRPE48KE2 Datasheet
398Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGJL2X OPLINK-TXC3XGJL2X Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com