Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1204BC Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SM1204BC
Description  SURFACE MOUNT LED RED/GREEN, 1204 PACKAGE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SM1204BC Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SM1204BC Datasheet HTML 1Page - List of Unclassifed Manufacturers SM1204BC Datasheet HTML 2Page - List of Unclassifed Manufacturers SM1204BC Datasheet HTML 3Page - List of Unclassifed Manufacturers SM1204BC Datasheet HTML 4Page - List of Unclassifed Manufacturers SM1204BC Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3mm (T1) Package Discrete LEDs
AMBER
Bivar reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Rev. A 01/16/08
Page 4 of 4
Bivar reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Revision A 01/10
Page 5 of 5
Bivar reserves the right to make changes at any time without notice.
Packaging and Labeling Plan
Desiccant
Internal Quality Control
Bivar Standard Packaging Label
Humidity Indicator
Card
Note: 1 Reel / Bag
Vacuum and Heat Sealed
Clear AntiStatic Poly Bag
X.XXX
X.XXX
Outline Drawings Notes:
1. All dimensions are in inches [millimeters].
2. Standard tolerance unless otherwise noted: X.XXX ± 0.010"
X.X ± 0.1”
SURFACE MOUNT LED
RED/GREEN, 1204 PACKAGE


Similar Part No. - SM1204BC

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
SM1204BC BIVAR-SM1204BC Datasheet
577Kb / 5P
   SURFACE MOUNT LED RED/GREEN, 1204 PACKAGE
Revision A 01/10
SM1204BC-AG BIVAR-SM1204BC-AG Datasheet
576Kb / 5P
   SURFACE MOUNT LED AMBER/GREEN, 1204 PACKAGE
Revision A 01/10
logo
List of Unclassifed Man...
SM1204BC-B ETC2-SM1204BC-B Datasheet
589Kb / 5P
   SURFACE MOUNT LED RED/BLUE, 1204 PACKAGE
SM1204BC-R ETC2-SM1204BC-R Datasheet
589Kb / 5P
   SURFACE MOUNT LED RED/BLUE, 1204 PACKAGE
logo
Bivar, Inc.
SM1204BC-RB BIVAR-SM1204BC-RB Datasheet
584Kb / 5P
   SURFACE MOUNT LED RED/BLUE, 1204 PACKAGE
Revision A 01/10
More results

Similar Description - SM1204BC

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
SM1204BC BIVAR-SM1204BC Datasheet
577Kb / 5P
   SURFACE MOUNT LED RED/GREEN, 1204 PACKAGE
Revision A 01/10
SM1204BC-RG BIVAR-SM1204BC-RG Datasheet
575Kb / 5P
   SURFACE MOUNT LED RED/GREEN, 1204 PACKAGE
Revision A 01/10
SM1204URC BIVAR-SM1204URC Datasheet
514Kb / 5P
   SURFACE MOUNT LED RED, 1204 PACKAGE
Revision A 01/10
SM1204SRC BIVAR-SM1204SRC Datasheet
517Kb / 5P
   SURFACE MOUNT LED RED, 1204 PACKAGE
Revision A 01/10
SM1204RGB BIVAR-SM1204RGB Datasheet
659Kb / 6P
   SURFACE MOUNT LED RED/GREEN/BLUE, 1204 PACKAGE
Revision A 8/21
logo
List of Unclassifed Man...
SM1204BC-R ETC2-SM1204BC-R Datasheet
589Kb / 5P
   SURFACE MOUNT LED RED/BLUE, 1204 PACKAGE
logo
Bivar, Inc.
SM1204BC-RB BIVAR-SM1204BC-RB Datasheet
584Kb / 5P
   SURFACE MOUNT LED RED/BLUE, 1204 PACKAGE
Revision A 01/10
SM1204UGC BIVAR-SM1204UGC Datasheet
513Kb / 5P
   SURFACE MOUNT LED GREEN, 1204 PACKAGE
Revision A 01/10
SM1204SGC BIVAR-SM1204SGC Datasheet
511Kb / 5P
   SURFACE MOUNT LED GREEN, 1204 PACKAGE
Revision A 01/10
SM1204BC-AG BIVAR-SM1204BC-AG Datasheet
576Kb / 5P
   SURFACE MOUNT LED AMBER/GREEN, 1204 PACKAGE
Revision A 01/10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com