Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM30T19AY Datasheet(PDF) 4 Page - STMicroelectronics

Part # SM30T19AY
Description  Automotive 3000 W Transil
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM30T19AY Datasheet(HTML) 4 Page - STMicroelectronics

  SM30T19AY Datasheet HTML 1Page - STMicroelectronics SM30T19AY Datasheet HTML 2Page - STMicroelectronics SM30T19AY Datasheet HTML 3Page - STMicroelectronics SM30T19AY Datasheet HTML 4Page - STMicroelectronics SM30T19AY Datasheet HTML 5Page - STMicroelectronics SM30T19AY Datasheet HTML 6Page - STMicroelectronics SM30T19AY Datasheet HTML 7Page - STMicroelectronics SM30T19AY Datasheet HTML 8Page - STMicroelectronics SM30T19AY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristics
SM30TY
4/12
DocID022065 Rev 3
Figure 3. Peak pulse power dissipation versus
initial junction temperature (typical value)
Figure 4. Peak pulse power versus exponential
pulse duration (Tj initial = 25 °C)
P(W)
PP
0
500
1000
1500
2000
2500
3000
3500
0
25
50
75
100
125
150
175
T (°C)
j
10/1000 µs
P (kW)
PP
0.1
1.0
10.0
100.0
1000.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
T initial = 25 °C
j
t(
)
P ms
Figure 5. Clamping voltage versus peak pulse
current
(exponential waveform, maximum values)
Figure 6. Junction capacitance versus reverse
applied voltage for unidirectional types
(typical values)
I(A)
PP
0.1
1.0
10.0
100.0
1000.0
10
100
10/1000 µs
8/20 µs
V(V)
CL
T initial = 25 °C
j
C(nF)
0.1
1.0
10.0
1
10
100
SM30T18AY
SM30T39AY
F = 1 MHz
V
= 30 mV
T = 25 °C
OSC
RMS
j
V(V)
R
Figure 7. Junction capacitance versus reverse
applied voltage for bidirectional types
(typical values)
Figure 8. Leakage current versus junction
temperature (typical values)
0.1
1.0
10.0
1
10
100
C(nF)
SM30T18CAY
SM30T39CAY
F = 1 MHz
V
= 30 mV
T = 25 °C
OSC
RMS
j
V(V)
R
1.E+00
1.E+01
1.E+02
1.E+03
25
50
75
100
125
150
V= V
RRM
I (nA)
R
T (°C)
j


Similar Part No. - SM30T19AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM30T19AY STMICROELECTRONICS-SM30T19AY Datasheet
236Kb / 13P
   Automotive 3000 W Transil?
SM30T19AY STMICROELECTRONICS-SM30T19AY Datasheet
1Mb / 16P
   Automotive 3000 W TVS in SMC
Rev 12 - February 2023
More results

Similar Description - SM30T19AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM30T18AY STMICROELECTRONICS-SM30T18AY Datasheet
236Kb / 13P
   Automotive 3000 W Transil?
SMC30J10A STMICROELECTRONICS-SMC30J10A Datasheet
132Kb / 10P
   3000 W Transil?
SMC30J10CA STMICROELECTRONICS-SMC30J10CA Datasheet
132Kb / 10P
   3000 W Transil
SM15T39CAY STMICROELECTRONICS-SM15T39CAY Datasheet
227Kb / 12P
   Automotive 1500 W Transil
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM4T68AY STMICROELECTRONICS-SM4T68AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com