Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTIH1698D022125 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # WTIH1698D022125
Description  WDM/Tap CouplerIsolator Hybrid Combination
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

WTIH1698D022125 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  WTIH1698D022125 Datasheet HTML 1Page - OPLINK Communications Inc. WTIH1698D022125 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S0081 - R12. (web) 20130114
Product Description
Features
Applications
Performance Specificationns
WTIH1598 Series
Single Stage
Dual Stage
Unit
Operating Wavelength Range
Signal Channel
C band : 1528 ~ 1564 or
L band : 1570 ~ 1605
nm
Pump Channel
965 ~ 995
nm
Insertion Loss [1]
Signal Port
< 1.4
< 1.5
dB
Pump Port
< 0.6
Tap
Port
1% Tap Ratio
19.2 ~ 21.0
dB
2% Tap Ratio
16.2 ~ 18.0
5% Tap Ratio
12.2 ~ 14.0
10% Tap Ratio
9.6 ~ 10.8
Wavelength Dependent Loss
Signal to Common
< 0.5
< 0.5
dB
Wavelength Isolation
Signal to Common @ Pump
Wavelength Range
> 30
dB
Pump to Common @ Signal
Wavelength Range
> 12
Reverse Direction Isolation
(over signal wavelength range,
0~70°C, all SOP)
Common to Signal
> 21
> 36
dB
Polarization Dependent Loss
< 0.1
< 0.2
dB
Polarization Mode Dispersion (standard)
< 0.25
< 0.05
ps
Directivity
≥ 55
dB
Return Loss
≥ 50
dB
Maximun Power Handling
≤ 500
mW
Operating Temperature
0 to +70
°C
Storage Temperature
-40 to +85
°C
Fiber Type
Signal & Tap Ports
Corning SMF-28
Common & Pump Ports
Corning HI1060
Package Dimension [3]
P2 : (Ø) 5.5 x (L) 40.0
mm
Values are referenced without connector loss
[1]
The maximum IL is under all states of polarization and within the full operating temperature and wavelength
ranges specified. Add 0.3dB on signal port IL for 10% tapping case.
[2]
All the parameters are excluding connectors.
[3]
The mechanical tolerance should be +/-0.2mm on all package dimensions unless otherwise custom specified.
980/1550(1585)nm WDM/Tap Coupler/
Isolator Hybrid Combination
WTIH1598 Series
Oplink’s WTIH is a combination of a wavelength division multiplexer, tap coupler
and an isolator in a compact package.This product has an extremely low inser-
tion loss, and a very stable tap-coupling ratio. Fiber optic amplification is the ideal
application for this product.
Oplink can provide customized designs to meet specialized feature applications.
Also, Oplink offers modular assemblies that integrate other components to form
a full function module or subsystem.
Wide Operating Wavelength Range
Compact Size
High Isolation
Ultra Low PDL & PMD
High Stability & Reliability
Epoxy-free Optical Path
Fiberoptic Amplifiers
CATV Fiberoptic Links
WDM Systems
Fiberoptic Instruments
Transmitters and Fiber Lasers
Laboratory R&D


Similar Part No. - WTIH1698D022125

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
WTIH1614D0121 OPLINK-WTIH1614D0121 Datasheet
164Kb / 2P
   1480/1550nm WDM/TAP Coupler/Isolator Hybrid Combination
WTIH1614D0122 OPLINK-WTIH1614D0122 Datasheet
164Kb / 2P
   1480/1550nm WDM/TAP Coupler/Isolator Hybrid Combination
WTIH1614D0221 OPLINK-WTIH1614D0221 Datasheet
164Kb / 2P
   1480/1550nm WDM/TAP Coupler/Isolator Hybrid Combination
WTIH1614D022123 OPLINK-WTIH1614D022123 Datasheet
344Kb / 2P
   WDM/ Tap Couper Isolator Hybrid Combination
WTIH1614D022124 OPLINK-WTIH1614D022124 Datasheet
344Kb / 2P
   WDM/ Tap Couper Isolator Hybrid Combination
More results

Similar Description - WTIH1698D022125

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
WTIH1514 OPLINK-WTIH1514 Datasheet
344Kb / 2P
   WDM/ Tap Couper Isolator Hybrid Combination
WTIH1514S0121 OPLINK-WTIH1514S0121 Datasheet
164Kb / 2P
   1480/1550nm WDM/TAP Coupler/Isolator Hybrid Combination
WTIH1598S01 OPLINK-WTIH1598S01 Datasheet
221Kb / 2P
   980/1550 nm WDM/Tap Coupler/Isolator Hybrid Combination
WTIH1598-S0081 OPLINK-WTIH1598-S0081 Datasheet
208Kb / 2P
   980/1550(1585)nm WDM/Tap Coupler/Isolator Hybrid Combination
WTIH1598S012111 OPLINK-WTIH1598S012111 Datasheet
208Kb / 2P
   980/1550(1585)nm WDM/Tap Coupler/Isolator Hybrid Combination
WTIH1514-S0080 OPLINK-WTIH1514-S0080 Datasheet
344Kb / 2P
   1480/1550(1585)nm WDM/ Tap Couper/ Isolator Hybrid Combination
WDIH15140SF1111 OPLINK-WDIH15140SF1111 Datasheet
337Kb / 2P
   1480/1550nm WDM/Isolator Hybrid Combination
WDIH1514 OPLINK-WDIH1514 Datasheet
337Kb / 2P
   1480/1550nm WDM/Isolator Hybrid Combination
WDIH1598-S0079 OPLINK-WDIH1598-S0079 Datasheet
185Kb / 2P
   980/1550nm WDM/Isolator Hybrid Combination
WDIH15980SF1111 OPLINK-WDIH15980SF1111 Datasheet
185Kb / 2P
   980/1550nm WDM/Isolator Hybrid Combination
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com