Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DV2054S2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DV2054S2
Description  Li-Ion Charger Development System Control of On-Board PNP Switch-Mode Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DV2054S2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DV2054S2 Datasheet HTML 1Page - List of Unclassifed Manufacturers DV2054S2 Datasheet HTML 2Page - List of Unclassifed Manufacturers DV2054S2 Datasheet HTML 3Page - List of Unclassifed Manufacturers DV2054S2 Datasheet HTML 4Page - List of Unclassifed Manufacturers DV2054S2 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Fixed Configuration
The DV2054S2 board has the following characteristics:
VCC for the fast-charge IC is regulated onboard
from the supply at connector J1.
J1 can accept a maximum of 25VDC.
LED indicates charge status.
Charge begins on the later application of
The battery
Supply voltage
The on-board regulator supplies a fast charge current
IMAX of 1.25A. The fast-charge voltage VMAX is set at
25°C.
The switching frequency of the PWM control loops is
120kHz.
The regulated current is controlled by the value of the
sense resistor RSNS according to the relationship
I
V
R
CHG
SNS
=
0 250
.
The value of RSNS (R17 in the schematic) at shipment is
0.200
Ω. This resistor can be changed depending on the
application. The maximum charging current IMAX for
the DV2054S2 board is 1.25A.
The thermistor provided is a Philips 2322–640–63103.
With this thermistor connected between TEM+ and
BAT-, the temperature fault limits are VLTF (low-tem-
perature fault) = 0°C, VHTF (high-temperature fault) =
45°C, and VTCO (charge cutoff) = 47°C.
Jumper-Selectable Configuration
The DV2054S2 can be configured as follows (see Jumber
Configuration Diagram for location of the jumbers):
JP1: Configures the display mode (DSEL).
JP2: Configures the board for the number of cells.
JP3: Sets the minimum current termination.
Setup Procedure
1.
Connect the thermistor to TEM+ and BAT-.
2.
Attach the battery pack to BAT+ and BAT-.
3.
Connect the charging supply to J1.
The following table shows the minimum input require-
ment for a given number of cells.
The combined charging and system load should not ex-
ceed the IMAX limit of 1.25A.
2
DV2054S2
JP3
IMIN
[12]3
IMAX
10
1[23]
IMAX
20
123
IMAX
30
JP2
Number of Cells
[12 ]345678
1
12[34]5678
2
1234[56]78
3
123456[78]
4
JP1
Display Mode
[12 ]3
Mode 1
1[23]
Mode 2
1 2 3
Mode 3
Number of Cells
Minimum Charger
Supply Input
1
8.5VDC
2
13VDC
3
19VDC
4
25VDC


Similar Part No. - DV2054S2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DV2057 TI-DV2057 Datasheet
325Kb / 5P
[Old version datasheet]   Advanced Li-Ion Charger Development System Control of On-Board Linear Regulator
DV2057C TI-DV2057C Datasheet
325Kb / 5P
[Old version datasheet]   Advanced Li-Ion Charger Development System Control of On-Board Linear Regulator
DV2057CTW TI1-DV2057CTW Datasheet
328Kb / 6P
[Old version datasheet]   Advanced Li-Ion Charger Development System Control of On-Board Linear Regulator
DV2057T TI-DV2057T Datasheet
325Kb / 5P
[Old version datasheet]   Advanced Li-Ion Charger Development System Control of On-Board Linear Regulator
DV2057W TI-DV2057W Datasheet
325Kb / 5P
[Old version datasheet]   Advanced Li-Ion Charger Development System Control of On-Board Linear Regulator
More results

Similar Description - DV2054S2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DV2057 TI1-DV2057_14 Datasheet
328Kb / 6P
[Old version datasheet]   Advanced Li-Ion Charger Development System Control of On-Board Linear Regulator
DV2057 TI-DV2057 Datasheet
325Kb / 5P
[Old version datasheet]   Advanced Li-Ion Charger Development System Control of On-Board Linear Regulator
logo
List of Unclassifed Man...
DV2954S1H ETC2-DV2954S1H_14 Datasheet
1Mb / 5P
   Li-Ion Charger Development System Control of On-Board PNP Switch-Mode Regulator with High-Side Current Sensing
DV2954S1L ETC2-DV2954S1L_14 Datasheet
858Kb / 5P
   Li-Ion Charger Development System
DV2003S1 ETC2-DV2003S1_14 Datasheet
862Kb / 6P
   Fast Charge Development System Control of On-Board P-FET Switch-Mode Regulator
DV2003S2 ETC2-DV2003S2_14 Datasheet
929Kb / 6P
   Fast Charge Development System Control of On-Board N-FET Switch-Mode Regulator
logo
Linear Technology
LTC4002-4.2 LINER-LTC4002-4.2 Datasheet
204Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Eutech Microelectronics...
EUP8207-4.2 EUTECH-EUP8207-4.2 Datasheet
131Kb / 2P
   Switch Mode Li-Ion/Polymer Battery Charger
logo
Richtek Technology Corp...
RT9460 RICHTEK-RT9460 Datasheet
359Kb / 33P
   Switch-Mode Single Cell Li-Ion Charger
logo
Shenzhen Huazhimei Semi...
HM4066 HMSEMI-HM4066 Datasheet
1Mb / 19P
   Switch Mode Li-Ion/Polymer Battery Charger
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com