Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB40768HPF Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB40768HPF
Description  D/A Converter (1-ch, 8-bit, 60 MSPS)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB40768HPF Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB40768HPF Datasheet HTML 1Page - Fujitsu Component Limited. MB40768HPF Datasheet HTML 2Page - Fujitsu Component Limited. MB40768HPF Datasheet HTML 3Page - Fujitsu Component Limited. MB40768HPF Datasheet HTML 4Page - Fujitsu Component Limited. MB40768HPF Datasheet HTML 5Page - Fujitsu Component Limited. MB40768HPF Datasheet HTML 6Page - Fujitsu Component Limited. MB40768HPF Datasheet HTML 7Page - Fujitsu Component Limited. MB40768HPF Datasheet HTML 8Page - Fujitsu Component Limited. MB40768HPF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DS04-28313-1E
FUJITSU SEMICONDUCTOR
DATA SHEET
ASSP
Image Processing
BIPOLAR
D/A Converter (1-ch, 8-bit, 60 MSPS)
MB40768H
s DESCRIPTION
The MB40768H is a low-power and high-speed 8-bit D/A converter.
The digital input is TTL compatible and the analog output voltage is 3 to 5 V. Maximum conversion speed is 60
MHz. The internal reference voltage provided has two types of resistor division scheme and band-gap reference
scheme; the external reference voltage may also be used.
The MB40768H is suitable for high-definition TV or VCR application.
s FEATURES
• Resolution: 8 bits
• Conversion characteristics: Maximum conversion rate: 60 MSPS [min.]
Linearity error: ±0.2 % [max.]
• I/O: Digital input voltage: TTL level
Analog output voltage: 2VP-P (3 to 5 V)
• Reference voltage:
VROUT1: Resistor division circuit (0.6
× VCCA)
VROUT2: Band-gap reference circuit (VCCA – 2 V)
• Power supply voltage: +5 V single power supply
• Power consumption: 160 mW [typical value for the analog output voltage of 2 VP-P]
120 mW [typical value for the analog output voltage of 1 VP-P]
s PACKAGES
18-pin Plastic DIP
(DIP-18P-M02)
20-pin Plastic SOP
(FPT-20P-M01)


Similar Part No. - MB40768HPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB40760 FUJITSU-MB40760 Datasheet
129Kb / 17P
   1CHANNEL 10-BIT D/A CONVERTER
More results

Similar Description - MB40768HPF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9059BRSZ AD-AD9059BRSZ Datasheet
231Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. A
AD9059 AD-AD9059 Datasheet
190Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. 0
AD9059 AD-AD9059_17 Datasheet
252Kb / 13P
   Dual 8-Bit, 60 MSPS A/D Converter
AD9059 AD-AD9059_15 Datasheet
231Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. A
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com