Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP55281 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP55281
Description  Quad RGB Driver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55281 Datasheet(HTML) 3 Page - Texas Instruments

  LP55281 Datasheet HTML 1Page - Texas Instruments LP55281 Datasheet HTML 2Page - Texas Instruments LP55281 Datasheet HTML 3Page - Texas Instruments LP55281 Datasheet HTML 4Page - Texas Instruments LP55281 Datasheet HTML 5Page - Texas Instruments LP55281 Datasheet HTML 6Page - Texas Instruments LP55281 Datasheet HTML 7Page - Texas Instruments LP55281 Datasheet HTML 8Page - Texas Instruments LP55281 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
LP55281
www.ti.com
SNVS458B – JUNE 2007 – REVISED JUNE 2007
Table 1. Pin Descriptions (continued)
Pin
Name
Type
Description
5B
IRGB
Input
Bias Current Set Resistor for RGB
Drivers
5A
GND_RGB1
Ground
Ground for RGB1-2 Currents
4F
GND_RGB2
Ground
Ground for RGB3-4 Currents
4E
GND
Ground
Ground
4D
ASE2
Input
Audio Synchronization Input 2
4C
SI/A0
Logic Input
Serial Input (SPI), Address Select (I2C)
4B
SO
Logic Output
Serial Data Out (SPI)
4A
R2
Output
Red LED 2 Output
3F
NRST
Input
Asynchronous Reset, Active Low
3E
R4
Output
Red LED 4 Output
3D
VDD1
Power
Supply Voltage
3C
VDDIO
Power
Supply Voltage for Input/Output Buffers
and Drivers
3B
SCK/SCL
Logic Input
Clock (SPI/I2C)
3A
G2
Output
Green LED 2 Output
2F
ALED
Output
Audio Synchronized LED Output
2E
G4
Output
Green LED 4 Output
2D
ASE1
Input
Audio Synchronization Input 1
2C
IRT
Input
Oscillator Frequency Resistor
2B
IF_SEL
Logic Input
Interface (SPI or I2C compatible)
Selection (IF_SEL = 1 for SPI)
2A
B2
Output
Blue LED 2 Output
1F
GND
Ground
Ground
1E
B4
Output
Blue LED 4 Output
1D
GNDA
Ground
Ground for Analog Circuitry
1C
VREF
Output
Reference Voltage
1B
VDDA
Power
Internal LDO Output
1A
VDD2
Power
Supply Voltage
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP55281


Similar Part No. - LP55281

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP55281 NSC-LP55281 Datasheet
1Mb / 28P
   Quad RGB Driver
LP55281RL NSC-LP55281RL Datasheet
1Mb / 28P
   Quad RGB Driver
LP55281RLX NSC-LP55281RLX Datasheet
1Mb / 28P
   Quad RGB Driver
LP55281TL NSC-LP55281TL Datasheet
1Mb / 28P
   Quad RGB Driver
LP55281TLX NSC-LP55281TLX Datasheet
1Mb / 28P
   Quad RGB Driver
More results

Similar Description - LP55281

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP55281 NSC-LP55281 Datasheet
1Mb / 28P
   Quad RGB Driver
logo
Sony Corporation
CXA1819Q SONY-CXA1819Q Datasheet
387Kb / 20P
   RGB Driver for LCD
CXA1853Q SONY-CXA1853Q Datasheet
758Kb / 39P
   RGB Driver for LCD
CXA1853AQ SONY-CXA1853AQ Datasheet
699Kb / 39P
   RGB Driver for LCD
logo
Texas Instruments
LP5520 TI1-LP5520_16 Datasheet
1Mb / 46P
[Old version datasheet]   RGB Backlight LED Driver
logo
LinkCom Manufacturing C...
DAL120N302PON0-00G LINKCOM-DAL120N302PON0-00G Datasheet
171Kb / 2P
   DALI RGB CV Driver
logo
National Semiconductor ...
LP5520 NSC-LP5520 Datasheet
1,022Kb / 34P
   RGB Backlight LED Driver
logo
Sanyo Semicon Device
LV7980 SANYO-LV7980 Datasheet
78Kb / 6P
   3 in 1 RGB Driver
logo
Microchip Technology
MCP1643 MICROCHIP-MCP1643 Datasheet
518Kb / 26P
   RGB LED Driver Demonstration Board
07/14/15
logo
ON Semiconductor
NCV7430-D ONSEMI-NCV7430-D Datasheet
321Kb / 32P
   Automotive LIN RGB LED Driver
December, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com