Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5526 Datasheet(PDF) 2 Page - Texas Instruments

Part # LP5526
Description  Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5526 Datasheet(HTML) 2 Page - Texas Instruments

  LP5526 Datasheet HTML 1Page - Texas Instruments LP5526 Datasheet HTML 2Page - Texas Instruments LP5526 Datasheet HTML 3Page - Texas Instruments LP5526 Datasheet HTML 4Page - Texas Instruments LP5526 Datasheet HTML 5Page - Texas Instruments LP5526 Datasheet HTML 6Page - Texas Instruments LP5526 Datasheet HTML 7Page - Texas Instruments LP5526 Datasheet HTML 8Page - Texas Instruments LP5526 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
1
2
3
4
5
E
D
C
B
A
IRT
BLED
GND_
RGB
GPIO
[0]
GPIO
[1]
GND
VREF
GLED
IRGB
GPIO
[2]
VDD1
VDDA
RLED
SCL
SDA
FB
SUB
VDDIO
NRST
GNDT
SW
GND
_SW
MAIN
GND_
WLED
VDD2
LP5526
SW
MAIN
SUB
RLED
GLED
BLED
Li-Ion Battery
or Charger
= 150 mA
= 8V...20 V
FB
VDD2
10 F
L1
10 PH
P
MCU
SCL
SDA
SUB BACKLIGHT
0...25 mA/LED
MAIN BACKLIGHT
0...25 mA/LED
NRST
VDDIO
IRGB
IRT
VDDA
100 nF
VREF
D1
VDD1
100 nF
GND 1-5
100 nF
1 PF
GPIO[0]/PWM
GPIO[1]
GPIO[2]
2 x 4.7 uF
COUT
IMAX
VOUT
CVDDA
CIN
CVDD
CVREF
RRGB
RRT
RSDA
VDDIO
CVDDIO
82 k
Ö
RGB
Up to 50 mA/LED
4.5 V
LP5526
SNVS431C – FEBRUARY 2006 – REVISED JULY 2009
www.ti.com
Connection Diagrams
Figure 1. 25-Bump Thin Micro SMD Package, Large Bump Top View
2
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Links: LP5526


Similar Part No. - LP5526

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5526 NSC-LP5526 Datasheet
1Mb / 33P
   Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
LP5526TL NSC-LP5526TL Datasheet
1Mb / 33P
   Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
logo
Texas Instruments
LP5526TL/NOPB TI1-LP5526TL/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   Lighting Management Unit With High-Voltage Boost Converter With up to 150-mA Serial Flash LED Driver
logo
National Semiconductor ...
LP5526TLX NSC-LP5526TLX Datasheet
1Mb / 33P
   Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
logo
Texas Instruments
LP5526 TI1-LP5526_15 Datasheet
1Mb / 41P
[Old version datasheet]   Lighting Management Unit With High-Voltage Boost Converter With up to 150-mA Serial Flash LED Driver
More results

Similar Description - LP5526

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5526 NSC-LP5526 Datasheet
1Mb / 33P
   Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
logo
Texas Instruments
LP5526 TI1-LP5526_15 Datasheet
1Mb / 41P
[Old version datasheet]   Lighting Management Unit With High-Voltage Boost Converter With up to 150-mA Serial Flash LED Driver
LP3958 TI1-LP3958 Datasheet
1Mb / 36P
[Old version datasheet]   Lighting Management Unit with High Voltage Boost Converter
logo
National Semiconductor ...
LP3958 NSC-LP3958 Datasheet
1Mb / 28P
   Lighting Management Unit with High Voltage Boost Converter
logo
Advanced Analog Technol...
AAT2861IMK-1-T1 AAT-AAT2861IMK-1-T1 Datasheet
3Mb / 27P
   Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
logo
Advanced Analogic Techn...
AAT2860 ANALOGICTECH-AAT2860 Datasheet
2Mb / 23P
   Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
logo
Unisonic Technologies
L5030 UTC-L5030 Datasheet
146Kb / 7P
   BOOST-UP VOLTAGE CONVERTER FOR LED DRIVER
L5030 UTC-L5030_11 Datasheet
198Kb / 6P
   BOOST-UP VOLTAGE CONVERTER FOR LED DRIVER
L5030 UTC-L5030_15 Datasheet
187Kb / 6P
   BOOST-UP VOLTAGE CONVERTER FOR LED DRIVER
logo
Texas Instruments
LM8502 TI1-LM8502_13 Datasheet
1Mb / 72P
[Old version datasheet]   Intelligent Lighting Management Unit That Fuses a 1.2A Dual High-Side Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com