Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

41771-0031 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 41771-0031
Description  KK짰 396 Header, Vertical, without Peg, 14 Circuits, Gold (Au) Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

41771-0031 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  41771-0031 Datasheet HTML 1Page - Molex Electronics Ltd. 41771-0031 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
235
Material Info
Old Part Number
41771-0031
Reference - Drawing Numbers
Product Specification
PS-08-50
Sales Drawing
SD-41771-001
This document was generated on 07/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 41771-0031

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
41771-0031 MOLEX3-41771-0031 Datasheet
247Kb / 8P
   3.96mm (.156") Pitch KK짰 Solid Header, Vertical, without Peg, 14 Circuits, Gold (Au) Plating
More results

Similar Description - 41771-0031

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
26-61-2020 MOLEX11-26-61-2020 Datasheet
70Kb / 2P
   KK짰 396 Header, Vertical, without Peg, 2 Circuits, Gold (Au) Plating
26-61-2040 MOLEX11-26-61-2040 Datasheet
70Kb / 2P
   KK짰 396 Header, Vertical, without Peg, 4 Circuits, Gold (Au) Plating
26-61-2050 MOLEX11-26-61-2050 Datasheet
70Kb / 2P
   KK짰 396 Header, Vertical, without Peg, 5 Circuits, Gold (Au) Plating
26-61-2060 MOLEX11-26-61-2060 Datasheet
70Kb / 2P
   KK짰 396 Header, Vertical, without Peg, 6 Circuits, Gold (Au) Plating
26-61-2100 MOLEX11-26-61-2100 Datasheet
70Kb / 2P
   KK짰 396 Header, Vertical, without Peg, 10 Circuits, Gold (Au) Plating
26-61-2030 MOLEX11-26-61-2030 Datasheet
70Kb / 2P
   KK짰 396 Header, Vertical, without Peg, 3 Circuits, Gold (Au) Plating
26-61-2090 MOLEX11-26-61-2090 Datasheet
70Kb / 2P
   KK짰 396 Header, Vertical, without Peg, 9 Circuits, Gold (Au) Plating
26-61-2170 MOLEX11-26-61-2170 Datasheet
70Kb / 2P
   KK짰 396 Header, Vertical, without Peg, 17 Circuits, Gold (Au) Plating
26-61-2180 MOLEX11-26-61-2180 Datasheet
70Kb / 2P
   KK짰 396 Header, Vertical, without Peg, 18 Circuits, Gold (Au) Plating
26-61-2080 MOLEX11-26-61-2080 Datasheet
36Kb / 2P
   KK짰 396 Header, Vertical, without Peg, 8 Circuits, Gold (Au) Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com