Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3405A Datasheet(PDF) 10 Page - Texas Instruments

Part # LM3405A
Description  1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT and MSOP PowerPAD Packages
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3405A Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3405A_14 Datasheet HTML 6Page - Texas Instruments LM3405A_14 Datasheet HTML 7Page - Texas Instruments LM3405A_14 Datasheet HTML 8Page - Texas Instruments LM3405A_14 Datasheet HTML 9Page - Texas Instruments LM3405A_14 Datasheet HTML 10Page - Texas Instruments LM3405A_14 Datasheet HTML 11Page - Texas Instruments LM3405A_14 Datasheet HTML 12Page - Texas Instruments LM3405A_14 Datasheet HTML 13Page - Texas Instruments LM3405A_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
LM3405A
SNVS508B – OCTOBER 2007 – REVISED OCTOBER 2008
www.ti.com
An alternate method is to place the zener diode D3 in a shunt configuration as shown in Figure 17. A small
350mW to 500mW, 5.1V zener in a SOT or SOD package can be used for this purpose. A small ceramic
capacitor such as a 6.3V, 0.1µF capacitor (C5) should be placed in parallel with the zener diode. When the
internal NMOS switch turns on, a pulse of current is drawn to charge the internal NMOS gate capacitance. The
0.1µF parallel shunt capacitor ensures that the VBOOST voltage is maintained during this time. Resistor R2 should
be chosen to provide enough RMS current to the zener diode and to the BOOST pin. A recommended choice for
the zener current (IZENER) is 1mA. The current IBOOST into the BOOST pin supplies the gate current of the NMOS
power switch. It reaches a maximum of around 3.6mA at the highest gate drive voltage of 5.5V over the
LM3405A operating range.
For the worst case IBOOST, increase the current by 50%. In that case, the maximum boost current will be:
IBOOST-MAX = 1.5 x 3.6mA = 5.4mA
(6)
R2 will then be given by:
R2 = (VIN - VZENER) / (IBOOST_MAX + IZENER)
(7)
For example, let VIN = 12V, VZENER = 5V, IZENER = 1mA, then:
R2 = (12V - 5V) / (5.4mA + 1mA) = 1.09k
(8)
Figure 17. VBOOST derived from VIN through a Shunt Zener
The fourth method can be used in an application which has an external low voltage rail, VEXT. C3 can be charged
through D2 from VEXT, independent of VIN and VOUT voltage levels. Again for best performance, ensure that the
gate drive voltage, VEXT - VD2 + VD1, falls in the range of 2.5V to 5.5V.
SETTING THE LED CURRENT
LM3405A is a constant current buck regulator. The LEDs are connected between VOUT and the FB pin as shown
in the Typical Application Circuit. The FB pin is at 0.205V in regulation and therefore the LED current IF is set by
VFB and resistor R1 from FB to ground by the following equation:
IF = VFB / R1
(9)
IF should not exceed the 1A current capability of LM3405A and therefore R1 minimum must be approximately
0.2
Ω. IF should also be kept above 200mA for stable operation, and therefore R1 maximum must be
approximately 1
Ω. If average LED currents less than 200mA are desired, the EN/DIM pin can be used for PWM
dimming. See LED PWM DIMMING section.
OUTPUT VOLTAGE
The output voltage is primarily determined by the number of LEDs (n) connected from VOUT to FB pin and
therefore VOUT can be written as :
VOUT = ((n x VF) + VFB)
(10)
where VF is the forward voltage of one LED at the set LED current level (see LED manufacturer datasheet for
forward characteristics curve).
10
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Links: LM3405A


Similar Part No. - LM3405A_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3405AXMK NSC-LM3405AXMK Datasheet
492Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 Package
LM3405AXMK NSC-LM3405AXMK Datasheet
511Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 and eMSOP Package
logo
Texas Instruments
LM3405AXMK TI-LM3405AXMK Datasheet
1Mb / 32P
[Old version datasheet]   LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal ensation in Tiny SOT and VSSOP PowerPAD Packages
logo
National Semiconductor ...
LM3405AXMKE NSC-LM3405AXMKE Datasheet
492Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 Package
logo
Texas Instruments
LM3405AXMKE TI-LM3405AXMKE Datasheet
1Mb / 32P
[Old version datasheet]   LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal ensation in Tiny SOT and VSSOP PowerPAD Packages
More results

Similar Description - LM3405A_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3405AXMY TI-LM3405AXMY Datasheet
1Mb / 32P
[Old version datasheet]   LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal ensation in Tiny SOT and VSSOP PowerPAD Packages
logo
National Semiconductor ...
LM3405A NSC-LM3405A Datasheet
492Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 Package
LM3405A NSC-LM3405A_08 Datasheet
511Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 and eMSOP Package
logo
Texas Instruments
LM3410 TI1-LM3410_14 Datasheet
1Mb / 44P
[Old version datasheet]   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410XMF TI-LM3410XMF Datasheet
1Mb / 49P
[Old version datasheet]   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
National Semiconductor ...
LM3410 NSC-LM3410 Datasheet
172Kb / 6P
   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410 NSC-LM3410_08 Datasheet
715Kb / 32P
   PowerWise짰 525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
Texas Instruments
LM3410 TI1-LM3410 Datasheet
1Mb / 49P
[Old version datasheet]   Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
National Semiconductor ...
LM3405 NSC-LM3405_07 Datasheet
483Kb / 20P
   1.6MHz, 1A Constant Current Buck Regulator for Powering LEDs
LM3405 NSC-LM3405 Datasheet
447Kb / 2P
   550kHz/1.6MHz 1A Constant Current Buck Regulator for Powering LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com