Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB40C238PFV Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB40C238PFV
Description  30 MHz 8-bit A/D Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB40C238PFV Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB40C238PFV Datasheet HTML 2Page - Fujitsu Component Limited. MB40C238PFV Datasheet HTML 3Page - Fujitsu Component Limited. MB40C238PFV Datasheet HTML 4Page - Fujitsu Component Limited. MB40C238PFV Datasheet HTML 5Page - Fujitsu Component Limited. MB40C238PFV Datasheet HTML 6Page - Fujitsu Component Limited. MB40C238PFV Datasheet HTML 7Page - Fujitsu Component Limited. MB40C238PFV Datasheet HTML 8Page - Fujitsu Component Limited. MB40C238PFV Datasheet HTML 9Page - Fujitsu Component Limited. MB40C238PFV Datasheet HTML 10Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
MB40C238
s DIAGRAM
s DIGITAL OUTPUT BUFFER LOAD CIRCUIT
s USAGE PRECAUTIONS
• Be sure to ground the pins of AVDD, DVDD, VRT and VRB via high-frequency capacitor. Place the high-frequency
capacitor as close as possible to the pin.
• You can minimize the power supply current dissipation due to the internal logic indetermination by making the
clock to 4CLK or higher.
1.5 V
t W+
t W
3 V
0 V
CLK
VINA
D0 to D7
VOHD
VOLD
SANPLEN
SANPLEN+1
tpd
DATAN2
DATAN1
DATAN
0.5 DVDD
CL = 15 pF
DVSS
To the
measurement
point
Measurement point
(Note) CL includes a stray capacitance of a probe and a fixture.


Similar Part No. - MB40C238PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB40C218 FUJITSU-MB40C218 Datasheet
123Kb / 11P
   30MHz 8-bit A/D Converter (With AMP)
MB40C218PFQ FUJITSU-MB40C218PFQ Datasheet
123Kb / 11P
   30MHz 8-bit A/D Converter (With AMP)
More results

Similar Description - MB40C238PFV

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KAD0228BD SAMSUNG-KAD0228BD Datasheet
188Kb / 12P
   8-BIT 30 MSPS CMOS A/D CONVERTER
logo
Sony Corporation
CX20116 SONY-CX20116 Datasheet
592Kb / 10P
   8 bit, 100 MHz Flash A/D Converter
logo
Murata Power Solutions ...
ADC-309 MURATA-PS-ADC-309 Datasheet
350Kb / 4P
   8-BIT, 500 MHz FLASH A/D CONVERTER
logo
Sony Corporation
CXA1016P SONY-CXA1016P Datasheet
477Kb / 12P
   8-BIT 30/50 MSPS FLASH A/D CONVERTER
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
   8-bit D/A Converter
logo
Texas Instruments
DAC0808 TI1-DAC0808 Datasheet
350Kb / 14P
[Old version datasheet]   8-Bit D/A Converter
logo
Analog Devices
AD673 AD-AD673_17 Datasheet
299Kb / 9P
   8-Bit A/D Converter
logo
Zarlink Semiconductor I...
ZN426E8 ZARLINK-ZN426E8 Datasheet
137Kb / 5P
   8-BIT D-A CONVERTER
logo
Sanyo Semicon Device
LC89086M SANYO-LC89086M Datasheet
61Kb / 6P
   8 Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com