Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB40C348 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB40C348
Description  3 ch 8-bit 100 MSPS A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB40C348 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB40C348 Datasheet HTML 4Page - Fujitsu Component Limited. MB40C348 Datasheet HTML 5Page - Fujitsu Component Limited. MB40C348 Datasheet HTML 6Page - Fujitsu Component Limited. MB40C348 Datasheet HTML 7Page - Fujitsu Component Limited. MB40C348 Datasheet HTML 8Page - Fujitsu Component Limited. MB40C348 Datasheet HTML 9Page - Fujitsu Component Limited. MB40C348 Datasheet HTML 10Page - Fujitsu Component Limited. MB40C348 Datasheet HTML 11Page - Fujitsu Component Limited. MB40C348 Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
MB40C348
8
s
s
s
s ELECTRICAL CHARACTERISTICS
1.
DC Characteristics in Analog Section
• Power supply current
(AVDD
= DVDD = PVDD = 3.0 V to 3.6 V, VESD = 3.0 V to 5.25 V, Ta = −20 °C to +70 °C)
• Block A/D
(AVDD
= DVDD = PVDD = 3.0 V to 3.6 V, VESD = 3.0 V to 5.25 V, Ta = −20 °C to +70 °C)
• Video Amp. Block
(AVDD
= DVDD = PVDD = 3.0 V to 3.6 V, VESD = 3.0 V to 5.25 V, Ta = −20 °C to +70 °C)
• CLAMP Block
(AVDD
= DVDD = PVDD = 3.0 V to 3.6 V, VESD = 3.0 V to 5.25 V, Ta = −20 °C to +70 °C)
• PLL Block
(AVDD
= DVDD = PVDD = 3.0 V to 3.6 V, VESD = 3.0 V to 5.25 V, Ta = −20 °C to +70 °C)
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Analog power supply current
AIDD
170
290
mA
Digital power supply current
DIDD
80
90
mA
Power supply current PLL section
(
@fVCOH
= 162 MHz, Icp = 0.5 mA, DIV = 1/1)
PIDD
16
20
mA
Standby current
ISB
10
mA
Parameter
Symbol
Value
Unit
Min.
Typ.
Value
Resolution

8
bit
Linearity error (DC Accuracy)
LE
−0.8
±0.4
+0.8
%
Differential linearity error (DC Accuracy)
DLE
−0.36
±0.2
+0.65
%
Reference voltage : T
VREFT
0.63
×AVDD
0.67
×AVDD
0.70
×AVDD
V
Reference voltage : B
VREFB
0.18
×AVDD
0.21
×AVDD
0.24
×AVDD
V
Analog reference voltage input current
IRT, IRB
520
µA
Parameter
Symbol
Value
Unit
Min.
Typ.
Value
Video Amp. gain
GAMP
1.8
1.9
2.0
Video Amp. output voltage range
VAMPOUT
0.5
AVDD
− 0.6
V
Video Amp. frequency width
BW
170
MHz
Video Amp. input capacity
CVIN
5
pF
Parameter
Symbol
Value
Unit
Min.
Typ.
Value
VCLP input current
ICLP
520
µA
Clamp voltage
VCLAMP
VCLP
− 0.1
VCLP
VCLP
+ 0.1
V
Parameter
Symbol
Value
Unit
Min.
Typ.
Value
CLK jitter (
@fHSYNC
= 68.68 kHz, fCLK = 94.5 MHz)
Ptj
1.0
1.5
ns


Similar Part No. - MB40C348

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB40C348V FUJITSU-MB40C348V Datasheet
250Kb / 19P
   3ch 8-bit 100 MSPS A/D Converter
MB40C348VPFV FUJITSU-MB40C348VPFV Datasheet
250Kb / 19P
   3ch 8-bit 100 MSPS A/D Converter
More results

Similar Description - MB40C348

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB40C338 FUJITSU-MB40C338 Datasheet
247Kb / 18P
   3 ch 8-bit 162 MSPS A/D Converter
MB40C338V FUJITSU-MB40C338V Datasheet
257Kb / 19P
   3 ch 8-bit 162 MSPS A/D Converter
MB40C328 FUJITSU-MB40C328 Datasheet
163Kb / 16P
   8-bit 100 MSPS A/D Converter
MB40C328V FUJITSU-MB40C328V Datasheet
167Kb / 16P
   8-bit 100 MSPS A/D Converter
logo
Analog Devices
AD9283 AD-AD9283 Datasheet
155Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. B
AD9283BRSZ-100 AD-AD9283BRSZ-100 Datasheet
231Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
AD9283 AD-AD9283_15 Datasheet
258Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
logo
Fujitsu Component Limit...
MB40768H FUJITSU-MB40768H Datasheet
132Kb / 16P
   D/A Converter (1-ch, 8-bit, 60 MSPS)
logo
Analog Devices
AD9283S AD-AD9283S Datasheet
126Kb / 8P
   8-Bit, 100 MSPS 3V A/D Converter
AD9708 AD-AD9708 Datasheet
246Kb / 16P
   8-Bit, 100 MSPS TxDAC D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com