Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSRU20030 Datasheet(PDF) 2 Page - New Jersey Semi-Conductor Products, Inc.

Part # GSRU20030
Description  NPN 300, 350, 400V 20 AMP SWITCHING
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

GSRU20030 Datasheet(HTML) 2 Page - New Jersey Semi-Conductor Products, Inc.

  GSRU20030 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. GSRU20030 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - GSRU20030

ManufacturerPart #DatasheetDescription
logo
America Semiconductor, ...
GSRU20030 AMERICASEMI-GSRU20030 Datasheet
14Mb / 2P
   NPN Silicon Epitaxial Transistor
More results

Similar Description - GSRU20030

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
GSRU10030 NJSEMI-GSRU10030 Datasheet
105Kb / 2P
   NPN 300, 350, 400V 10 AMP SWITCHING
GSTU8030 NJSEMI-GSTU8030 Datasheet
105Kb / 2P
   NPN 300, 350, 400V 8 AMP SWITCHING
logo
Solid States Devices, I...
SFT10000-3 SSDI-SFT10000-3 Datasheet
58Kb / 2P
   20 AMP 350 VOLTS NPN DARLINGTON TRANSISTOR
SPT6060-3 SSDI-SPT6060-3 Datasheet
26Kb / 2P
   20 AMP 350 VOLTS NPN DARLINGTON TRANSISTOR
SPT6233 SSDI-SPT6233 Datasheet
162Kb / 2P
   5 AMP 250 - 350 Volts NPN Transistor
logo
ON Semiconductor
NGD8205N ONSEMI-NGD8205N_12 Datasheet
117Kb / 7P
   Ignition IGBT 20 Amp, 350 Volt, N.Channel DPAK
January, 2012 ??Rev. 9
logo
Mospec Semiconductor
MJ10002 MOSPEC-MJ10002 Datasheet
183Kb / 4P
   POWER TRANSISTORS(10A,350-400V,150W)
MJ10000 MOSPEC-MJ10000 Datasheet
188Kb / 4P
   POWER TRANSISTORS(20A,350-400V,175W)
MJ10004 MOSPEC-MJ10004 Datasheet
182Kb / 4P
   POWER TRANSISTORS(20A,350-400V,175W)
MJ10006 MOSPEC-MJ10006 Datasheet
190Kb / 4P
   POWER TRANSISTORS(10A,350-400V,150W)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com