Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB40C558 Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB40C558
Description  A/D Converter (1-channel, 8-bit, 45MHz)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB40C558 Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB40C558 Datasheet HTML 4Page - Fujitsu Component Limited. MB40C558 Datasheet HTML 5Page - Fujitsu Component Limited. MB40C558 Datasheet HTML 6Page - Fujitsu Component Limited. MB40C558 Datasheet HTML 7Page - Fujitsu Component Limited. MB40C558 Datasheet HTML 8Page - Fujitsu Component Limited. MB40C558 Datasheet HTML 9Page - Fujitsu Component Limited. MB40C558 Datasheet HTML 10Page - Fujitsu Component Limited. MB40C558 Datasheet HTML 11Page - Fujitsu Component Limited. MB40C558 Datasheet HTML 12Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
MB40C558
s PACKAGE DIMENSIONS
(Continued)
+0.40
–0.20
+.016
–.008
+0.05
–0.02
+.002
–.001
+0.25
–0.20
+.010
–.008
13.97(.550)REF
1.27(.050)
TYP
INDEX
6.80
.268
0.15
.006
15.24
.600
(.307±.016)
(.209±.012)
(.018±.004)
(STAND OFF)
(.020±.008)
0.50±0.20
5.30±0.30
7.80±0.40
0.05(.002)MIN
2.25(.089)MAX
0.45±0.10
Details of "A" part
0.50(.020)
0.20(.008)
0.18(.007)MAX
0.68(.027)MAX
"A"
M
Ø0.13(.005)
0.10(.004)
1994 FUJITSU LIMITED F24007S-3C-4
C
(MOUNTING HEIGHT)
Dimensions in mm (inches).
24-pin, Plastic SOP
(FPT-24P-M01)


Similar Part No. - MB40C558

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB40C568 FUJITSU-MB40C568 Datasheet
162Kb / 12P
   A/D Converter (1-channel, 8-bit, 20MHz)
MB40C568H FUJITSU-MB40C568H Datasheet
162Kb / 12P
   A/D Converter (1-channel, 8-bit, 30MHz)
MB40C568HPF FUJITSU-MB40C568HPF Datasheet
162Kb / 12P
   A/D Converter (1-channel, 8-bit, 30MHz)
MB40C568HPFV FUJITSU-MB40C568HPFV Datasheet
162Kb / 12P
   A/D Converter (1-channel, 8-bit, 30MHz)
MB40C568PF FUJITSU-MB40C568PF Datasheet
162Kb / 12P
   A/D Converter (1-channel, 8-bit, 20MHz)
More results

Similar Description - MB40C558

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB40778 FUJITSU-MB40778 Datasheet
266Kb / 9P
   1 Channel 8-bit D/A Converter
MB40528 FUJITSU-MB40528 Datasheet
301Kb / 14P
   1 Channel 8-bit A/D Converter
MB4072 FUJITSU-MB4072 Datasheet
89Kb / 8P
   1 CHANNEL 8-BIT D/A CONVERTER
MB40578 FUJITSU-MB40578 Datasheet
60Kb / 10P
   1 CHANNEL 8-BIT VIDEO A/D CONVERTER
MB40C368 FUJITSU-MB40C368 Datasheet
122Kb / 10P
   A/D Converter (1-channel, 8-bit, 18MHz)
MB40C568 FUJITSU-MB40C568 Datasheet
162Kb / 12P
   A/D Converter (1-channel, 8-bit, 20MHz)
MB40C568H FUJITSU-MB40C568H Datasheet
162Kb / 12P
   A/D Converter (1-channel, 8-bit, 30MHz)
MB40558 FUJITSU-MB40558 Datasheet
85Kb / 8P
   1 CHANNEL 8-BIT VIDEO A/D CONVERTER
logo
National Semiconductor ...
ADC082S101 NSC-ADC082S101 Datasheet
925Kb / 19P
   2 Channel, 1 MSPS, 8-Bit A/D Converter
logo
Rohm
BU3616K ROHM-BU3616K Datasheet
56Kb / 5P
   3-channel, 8-bit D / A converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com