Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA0056A Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RA0056A
Description  SINGLE PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0056A Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RA0056A Datasheet HTML 1Page - Solid States Devices, Inc RA0056A Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0056A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDA356 __ __ __ __
Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Package __ = SDA356 4/
T = SDA356T
G = SDA356G
S = SDA356S
Reverse Recovery Time 3/
F = Fast Recovery
UF = Ultra Fast Recovery
HF = Hyper Fast Recovery
Peak Inverse Voltage
B = 100 V, D = 200 V, G = 400 V, J = 600 V,
K = 800 V, M = 1,000 V, N = 1,200 V
SDA356 SERIES
1 AMP, 100 ─ 1,200 VOLTS
30 – 150 nsec
HIGH RELIABILITY
SINGLE PHASE BRIDGE RECTIFIER
FEATURES:
Average Output Current 1.0 Amps @ 55°C
PIV 100 to 1200 Volts Per Leg
Reverse Recovery Time: 30 – 150 nsec
Operating and Storage Temperature -55°C to
+150
°C
Subminiature Design for Packaging Versatility
Surface Mount Bent Leads Available
Constructed with Void-Free Hermetically Sealed
Discretes
Available in Higher Voltages
Available in Standard, Fast, Ultra Fast, and
Hyper Fast Recovery Times
TX, TXV, and S-Level Screening Available
NOTES: 1/ For Ordering Information, Price, Curves, and Availability- Contact Factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless Otherwise Specified, All Electrical Characteristics @25
ºC.
4/ S Level suffix: “-S”
ELECTRICAL CHARACTERISTICS 3/
Part Number
Peak
Inverse
Voltage
(per leg)
Reverse Recovery Time
@ IF = 0.5 A, IR = 1.0 A, IR = 0.25 A
Average DC
Output Current
TC=Case Temp
Peak Forward
Surge Current
(1 Cycle)
Maximum Forward Voltage
(per leg) @ 1 ADC
Maximum Reverse
Current (per leg)
@ PIV
Symbol
PIV
trr
IF (AV)
IFSM @8.3ms
VF
IR
Units
Volts
ns
ns
ns
Amps
Amps
Volts
μA
Conditions
F
UF
HF
55
°C 100°C
F
UF
HF
25
°C
100
°C
SDA356B
100
150
55
30
1.2
0.8
25
1.1
1.2
1.4
3
100
SDA356D
200
150
55
30
1.2
0.8
25
1.1
1.2
1.4
3
100
SDA356G
400
150
55
30
1.2
0.8
25
1.1
1.2
1.4
3
100
SDA356J
600
150
60
40
1.2
0.8
25
1.1
1.5
1.7
3
100
SDA356K
800
150
60
40
1.2
0.8
25
1.1
1.5
1.7
3
100
SDA356M
1000
150
70
40
1.2
0.8
25
1.4
1.9
3.2
3
100
SDA356N
1200
150
70
40
1.2
0.8
25
1.4
1.9
3.2
3
100
SDA276
SDA276T
SDA276G
SDA276S


Similar Part No. - RA0056A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0056A SSDI-RA0056A_15 Datasheet
78Kb / 2P
   SINGLE PHASE BRIDGE RECTIFIER
More results

Similar Description - RA0056A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC8005 PFS-KBPC8005 Datasheet
227Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC2505N PFS-KBPC2505N Datasheet
271Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com