Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S32PUR Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST1S32PUR
Description  4 A DC step-down switching regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S32PUR Datasheet(HTML) 3 Page - STMicroelectronics

  ST1S32PUR Datasheet HTML 1Page - STMicroelectronics ST1S32PUR Datasheet HTML 2Page - STMicroelectronics ST1S32PUR Datasheet HTML 3Page - STMicroelectronics ST1S32PUR Datasheet HTML 4Page - STMicroelectronics ST1S32PUR Datasheet HTML 5Page - STMicroelectronics ST1S32PUR Datasheet HTML 6Page - STMicroelectronics ST1S32PUR Datasheet HTML 7Page - STMicroelectronics ST1S32PUR Datasheet HTML 8Page - STMicroelectronics ST1S32PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
ST1S32
Pin settings
Doc ID 023246 Rev 1
3/29
1
Pin settings
1.1
Pin connection
Figure 2.
Pin connection (top view)
1.2
Pin description
Table 1.
Pin description
No.
Type
Description
1
VINA
Unregulated DC input voltage.
2EN
Enable input. With EN higher than 1.5 V the device in ON and with EN
lower than 0.5 V the device is OFF.
3FB
Feedback input. Connecting the output voltage directly to this pin the
output voltage is regulated at 0.8 V. To have higher regulated voltages an
external resistor divider is required from VOUT to the FB pin.
4
AGND
Ground.
5PG
Open drain Power Good (POR) pin. It is released (open drain) when the
output voltage is higher than 0.92 * VOUT with a delay of 170 us. If the
output voltage is below 0.92 * VOUT, the POR pin goes to low impedance
immediately.
If not used, it can be left floating or to GND.
6
VINSW
Power input voltage.
7
SW
Regulator output switching pin.
8
PGND
Power Ground.


Similar Part No. - ST1S32PUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S30 STMICROELECTRONICS-ST1S30 Datasheet
193Kb / 11P
   3 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S30IPUR STMICROELECTRONICS-ST1S30IPUR Datasheet
193Kb / 11P
   3 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S30PUR STMICROELECTRONICS-ST1S30PUR Datasheet
193Kb / 11P
   3 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S31 STMICROELECTRONICS-ST1S31 Datasheet
1Mb / 35P
   3 A DC step-down switching regulator
March 2016 Rev 4
ST1S31D-R STMICROELECTRONICS-ST1S31D-R Datasheet
1Mb / 35P
   3 A DC step-down switching regulator
March 2016 Rev 4
More results

Similar Description - ST1S32PUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S40 STMICROELECTRONICS-ST1S40_V01 Datasheet
849Kb / 30P
   3 A DC step-down switching regulator
August 2019
ST1S40 STMICROELECTRONICS-ST1S40 Datasheet
1Mb / 29P
   3 A DC step-down switching regulator
ST1S40IPUR STMICROELECTRONICS-ST1S40IPUR Datasheet
1Mb / 30P
   3 A DC step-down switching regulator
ST1S31 STMICROELECTRONICS-ST1S31 Datasheet
1Mb / 35P
   3 A DC step-down switching regulator
March 2016 Rev 4
logo
Texas Instruments
LM2833 TI1-LM2833 Datasheet
1Mb / 30P
[Old version datasheet]   Step-Down DC-DC Switching Regulator
logo
ON Semiconductor
NCP3120 ONSEMI-NCP3120 Datasheet
1Mb / 39P
   Dual 2.0 A, Step-Down DC/DC Switching Regulator
January, 2008 - Rev. 0
NCP3121 ONSEMI-NCP3121 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3122 ONSEMI-NCP3122 Datasheet
2Mb / 42P
   Dual 2.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3123 ONSEMI-NCP3123 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
logo
Texas Instruments
LM2738 TI1-LM2738_16 Datasheet
1Mb / 40P
[Old version datasheet]   1.5A Step-Down DC-DC Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com