Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGB35N35LZ-1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGB35N35LZ-1
Description  Automotive-grade 345 V internally clamped IGBT, EAS 450 mJ
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB35N35LZ-1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGB35N35LZ-1 Datasheet HTML 2Page - STMicroelectronics STGB35N35LZ-1 Datasheet HTML 3Page - STMicroelectronics STGB35N35LZ-1 Datasheet HTML 4Page - STMicroelectronics STGB35N35LZ-1 Datasheet HTML 5Page - STMicroelectronics STGB35N35LZ-1 Datasheet HTML 6Page - STMicroelectronics STGB35N35LZ-1 Datasheet HTML 7Page - STMicroelectronics STGB35N35LZ-1 Datasheet HTML 8Page - STMicroelectronics STGB35N35LZ-1 Datasheet HTML 9Page - STMicroelectronics STGB35N35LZ-1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
STGB35N35LZ, STGP35N35LZ
6/18
DocID12253 Rev 6
2.1
Electrical characteristics (curves)
Figure 2. Collector-emitter saturation voltage vs
temperature
Figure 3. Self clamped inductive switch
Figure 4. Output characteristics (TJ = 25 °C)
Figure 5. Output characteristics (TJ = -40 °C)
0.9
1
1.1
1.2
1.3
1.4
-50
-25
0
25
50
75
100
125
150
175
T
J
(°C)
V
CE(sat)
(V)
V
GE =
4.5 V
I
C
= 20 A
I
C
= 10 A
I
C
= 15 A
0
8
16
24
32
40
024
68
10
V
GE =
5 V
V
CC =
50 V
I
SC I S
(A)
T
J =
150 °C
T
J
= 25 °C
L (mH)
0
20
40
60
80
01
23
45
V
CE (V)
I
C (A)
V
GE = 2.5 V
V
GE = 3 V
V
GE = 3.5 V
V
GE = 4 V
V
GE = 5 V
0
20
40
60
80
01
2
3
45
V
CE (V)
I
C (A)
V
GE = 2.5 V
V
GE = 3 V
V
GE = 3.5 V
V
GE = 4 V
V
GE = 5 V


Similar Part No. - STGB35N35LZ-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB30H60DF STMICROELECTRONICS-STGB30H60DF Datasheet
1Mb / 24P
   600 V, 30 A high speed trench gate field-stop IGBT
March 2013 Rev 3
STGB30H60DFB STMICROELECTRONICS-STGB30H60DFB Datasheet
1Mb / 21P
   Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
October 2015 Rev 2
logo
Inchange Semiconductor ...
STGB30H60DFB ISC-STGB30H60DFB Datasheet
334Kb / 4P
   Trench gate Field-Stop IGBT
2023-10-09
logo
STMicroelectronics
STGB30H60DLFB STMICROELECTRONICS-STGB30H60DLFB Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
July 2014 Rev 2
STGB30H60DLLFBAG STMICROELECTRONICS-STGB30H60DLLFBAG Datasheet
1,009Kb / 17P
   Automotive-grade trench gate field-stop IGBT, HB series 600 V, 30 A high speed
October 2016 Rev 1
More results

Similar Description - STGB35N35LZ-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB18N40LZ_0805 STMICROELECTRONICS-STGB18N40LZ_0805 Datasheet
636Kb / 18P
   EAS 180 mJ - 400 V - internally clamped IGBT
STGB20N45LZAG STMICROELECTRONICS-STGB20N45LZAG Datasheet
536Kb / 20P
   Automotive-grade 450 V internally clamped IGBT ESCIS 300 mJ
February 2018
STGB18N40LZ STMICROELECTRONICS-STGB18N40LZ Datasheet
632Kb / 18P
   EAS 180 mJ - 400 V - internally clamped IGBT
STGB18N40LZ STMICROELECTRONICS-STGB18N40LZ_09 Datasheet
896Kb / 19P
   EAS 180 mJ - 390 V - internally clamped IGBT
STGB18N40LZT4 STMICROELECTRONICS-STGB18N40LZT4 Datasheet
575Kb / 16P
   Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
Rev 7 - January 2021
STGD19N40LZ STMICROELECTRONICS-STGD19N40LZ Datasheet
1Mb / 17P
   Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
October 2016 Rev 6
STGD18N40LZT4 STMICROELECTRONICS-STGD18N40LZT4 Datasheet
466Kb / 16P
   Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
Rev 1 - January 2021
STGB25N40LZAG STMICROELECTRONICS-STGB25N40LZAG Datasheet
551Kb / 20P
   Automotive-grade 400 V internally clamped IGBT ESCIS 320 mJ
February 2018 Rev 3
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ_V01 Datasheet
751Kb / 15P
   10 A - 410 V internally clamped IGBT
Rev 4 Novermber 2009
logo
ON Semiconductor
MGP15N40CL ONSEMI-MGP15N40CL Datasheet
100Kb / 8P
   Internally Clamped N-Channel IGBT
April, 2000 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com