Selected language     English  ā–¼


STX-3120-3B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. STX-3120-3B
Description  3.5mm Audio Jack All Plastic PCB Mount
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 2013
Contact Kycon for other options
Series
STX-3120 -
3.5mm Audio Jack All Plastic PCB Mount
Number of Pins
3 - Pins
5 - Pins
Back Plate Option
B - With Back Plate
PC99 Color Option
Blank - Black ( Standard )
157C - Orange
284C - Blue
577C - Lime
701C - Pink
3 Position Stereo
STX-3120-3B
5 Position Stereo
STX-3120-5B
2
2
5
1
4
3
5
1
Schematics
STX-3120 Series
Dimensions in mm
Generated Part Number
Part Number Builder
Series
Number
of Pins
Back Plate
Option
PC99 Color
Option
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
AUDIO JACKS: STX-3120
Series
3.5mm Audio Jack All Plastic PCB Mount
Product Features
Audio Applications for Computers and Multimedia
Can Be Used To Activate Speakers, an Equalizer or to
Configure the Audio Signal
Available with One Double-Pole Single-Throw Switch
CSA/NRTL Certified File No. LR78160
Performance Specifications
Materials and Finish
Housing
PBT Thermoplastic 15% Glass Filled, Black Color,
UL 94V-0 Rated
Terminals
Pin 1, 3, 4: Brass, Matte Tin Plated
Pin 2, 5: Phosphor Bronze, Matte Tin Plated
Mechanical Characteristics
Insertion Force
0.4kg - 3.0kg
Extraction Force
0.3kg - 3.0kg
Durability
5000 Mating Cycles
Electrical Characteristics
Contact Resistance
Before Durability Test
50 milliohms Max.
After Durability Test
100 milliohms Max.
Insulation Resistance
More than 100 Megohms at 500V DC
Dielectric Withstanding Voltage
500V AC RMS for 1 Minute
Operating Temperature
-25Ā°C to + 85Ā°C
LR78160
STX-3120-3B
STX-3120
3
B




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl