Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STX-3120-3B-701C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STX-3120-3B-701C
Description  3.5mm Audio Jack All Plastic PCB Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STX-3120-3B-701C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STX-3120-3B-701C Datasheet HTML 1Page - List of Unclassifed Manufacturers STX-3120-3B-701C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 2013
Contact Kycon for other options
Series
STX-3120 -
3.5mm Audio Jack All Plastic PCB Mount
Number of Pins
3 - Pins
5 - Pins
Back Plate Option
B - With Back Plate
PC99 Color Option
Blank - Black ( Standard )
157C - Orange
284C - Blue
577C - Lime
701C - Pink
3 Position Stereo
STX-3120-3B
5 Position Stereo
STX-3120-5B
2
2
5
1
4
3
5
1
Schematics
STX-3120 Series
Dimensions in mm
Generated Part Number
Part Number Builder
Series
Number
of Pins
Back Plate
Option
PC99 Color
Option
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
AUDIO JACKS: STX-3120
Series
3.5mm Audio Jack All Plastic PCB Mount
Product Features
Audio Applications for Computers and Multimedia
Can Be Used To Activate Speakers, an Equalizer or to
Configure the Audio Signal
Available with One Double-Pole Single-Throw Switch
CSA/NRTL Certified File No. LR78160
Performance Specifications
Materials and Finish
Housing
PBT Thermoplastic 15% Glass Filled, Black Color,
UL 94V-0 Rated
Terminals
Pin 1, 3, 4: Brass, Matte Tin Plated
Pin 2, 5: Phosphor Bronze, Matte Tin Plated
Mechanical Characteristics
Insertion Force
0.4kg - 3.0kg
Extraction Force
0.3kg - 3.0kg
Durability
5000 Mating Cycles
Electrical Characteristics
Contact Resistance
Before Durability Test
50 milliohms Max.
After Durability Test
100 milliohms Max.
Insulation Resistance
More than 100 Megohms at 500V DC
Dielectric Withstanding Voltage
500V AC RMS for 1 Minute
Operating Temperature
-25°C to + 85°C
LR78160
STX-3120-3B
STX-3120
3
B


Similar Part No. - STX-3120-3B-701C

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
STX-3120-3B-701C KYCON-STX-3120-3B-701C Datasheet
436Kb / 1P
   3.5mm Audio Jack All Plastic PCB Mount
More results

Similar Description - STX-3120-3B-701C

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
STX3120 KYCON-STX3120 Datasheet
436Kb / 1P
   3.5mm Audio Jack All Plastic PCB Mount
logo
List of Unclassifed Man...
STX-3000 ETC2-STX-3000 Datasheet
830Kb / 2P
   3.5mm Audio Jack All Plastic PCB Mount
logo
Kycon, Inc.
STX3000 KYCON-STX3000 Datasheet
366Kb / 1P
   3.5mm Audio Jack All Plastic PCB Mount
STX3100 KYCON-STX3100 Datasheet
514Kb / 1P
   PCB Mount 3.5mm Audio Jack
STX3200 KYCON-STX3200 Datasheet
479Kb / 1P
   PCB Mount 3.5mm Audio Jack
STX3081 KYCON-STX3081 Datasheet
544Kb / 1P
   PCB Mount 3.5mm Low Profile Audio Jack
logo
Dubilier
DBCEJ0365A-5 DUBILIER-DBCEJ0365A-5 Datasheet
79Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ3530K DUBILIER-DBCEJ3530K Datasheet
109Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ0351 DUBILIER-DBCEJ0351 Datasheet
100Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ0368-2T DUBILIER-DBCEJ0368-2T Datasheet
126Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com