Part Name
         Description
2SK3111

 SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE ( 8 Page)


NEC
100% 
Zoom Out Zoom In
   
 6 page
background image
Data Sheet D13334EJ1V0DS00
6
2SK3111
0.01
10
0.1
1
10
100
VDD = 100 V
VGS = 20 V
0 V
RG = 25
Starting Tch = 25 ˚C
1
SINGLE AVALANCHE ENERGY vs.
INDUCTIVE LOAD
L - Inductive Load - mH
IAS = 20 A
E
AS =
100
mJ
SINGLE AVALANCHE ENERGY
DERATING FACTOR
75
150
125
80
40
0
Starting Tch - Starting Channel Temperature - ˚C
50
100
25
100
60
20
VDD = 100 V
RG = 25
VGS = 20 V
0 V
IAS
≤ 20 A
1  2  3  4  5  6  7  8 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SK1123SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
2SK1491SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
2SK2361SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
2SK2478SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
2SK2723SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
2SK3204SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 NEC
2SK3358SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 NEC
UPA1703SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
UPA1726SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
2SK1492SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl