Part Name
         Description
2SK3111

 SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE ( 8 Page)


NEC
100% 
Zoom Out Zoom In
   
 2 page
background image
Data Sheet D13334EJ1V0DS00
2
2SK3111
ELECTRICAL CHARACTERISTICS (TA = 25 °C)
Characteristics
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Drain Leakage Current
IDSS
VDS = 200 V, VGS = 0 V
100
µA
Gate Leakage Current
IGSS
VGS =
±30 V, VDS = 0 V
±10
µA
Gate to Source Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1 mA
2.5
4.5
V
Forward Transfer Admittance
| yfs |VDS = 10 V, ID = 10 A
3.0
S
Drain to Source On-state Resistance
RDS(on)
VGS = 10 V, ID = 10 A
120
180
m
Input Capacitance
Ciss
VDS = 10 V
1000
pF
Output Capacitance
Coss
VGS = 0 V
300
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
150
pF
Turn-on Delay Time
td(on)
VDD = 100 V
25
ns
Rise Time
tr
ID = 10 A
90
ns
Turn-off Delay Time
td(off)
VGS(on) = 10 V
80
ns
Fall Time
tf
RG = 10
40
ns
Total Gate Charge
QG
VDD = 160 V
40
nC
Gate to Source Charge
QGS
VGS = 10 V
7
nC
Gate to Drain Charge
QGD
ID = 20 A
25
nC
Diode Forward Voltage
VF(S-D)
IF = 20 A, VGS = 0 V
1.0
V
Reverse Recovery Time
trr
IF = 20 A, VGS = 0 V
300
ns
Reverse Recovery Charge
Qrr
di/dt = 50 A/
µs1.7
µC
BVDSS
TEST CIRCUIT 3 GATE CHARGE
VGS = 20
0 V
PG.
RG = 25
50
D.U.T.
L
VDD
TEST CIRCUIT 1 AVALANCHE CAPABILITY
PG.
RG = 10
D.U.T.
RL
VDD
TEST CIRCUIT 2 SWITCHING TIME
RG
PG.
IG = 2 mA
50
D.U.T.
RL
VDD
ID
VDD
IAS
VDS
Starting Tch
VGS
0
τ = 1 µs
Duty Cycle
1 %
τ
VGS
Wave Form
ID
Wave Form
VGS
ID
10 %
0
0
90 %
90 %
90 %
VGS(on)
ID
ton
toff
td(on)
tr
td(off)
tf
10 %10 %
1  2  3  4  5  6  7  8 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SK1123SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
2SK1491SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
2SK2361SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
2SK2478SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
2SK2723SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
2SK3204SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 NEC
2SK3358SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 NEC
UPA1703SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
UPA1726SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
2SK1492SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl