Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF7970A Datasheet(PDF) 1 Page - Texas Instruments

Part # TRF7970A
Description  Multiprotocol Fully Integrated 13.56-MHz RFID and Near Field Communication (NFC) Transceiver IC
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF7970A Datasheet(HTML) 1 Page - Texas Instruments

  TRF7970A_14 Datasheet HTML 1Page - Texas Instruments TRF7970A_14 Datasheet HTML 2Page - Texas Instruments TRF7970A_14 Datasheet HTML 3Page - Texas Instruments TRF7970A_14 Datasheet HTML 4Page - Texas Instruments TRF7970A_14 Datasheet HTML 5Page - Texas Instruments TRF7970A_14 Datasheet HTML 6Page - Texas Instruments TRF7970A_14 Datasheet HTML 7Page - Texas Instruments TRF7970A_14 Datasheet HTML 8Page - Texas Instruments TRF7970A_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TRF7970A
SLOS743K – AUGUST 2011 – REVISED APRIL 2014
TRF7970A Multiprotocol Fully Integrated 13.56-MHz RFID and Near Field Communication
(NFC) Transceiver IC
1
Device Overview
1.1
Features
1
• Supports Near Field Communication (NFC)
• Programmable Output Power: +20 dBm (100 mW),
Standards NFCIP-1 (ISO/IEC 18092) and NFCIP
‑2
+23 dBm (200 mW)
(ISO/IEC 21481)
• Programmable I/O Voltage Levels From 1.8 VDC
• Completely Integrated Protocol Handling for
to 5.5 VDC
ISO15693, ISO18000-3, ISO14443A/B, and
• Programmable System Clock Frequency Output
FeliCa™
(RF, RF/2, RF/4) from 13.56-MHz or 27.12-MHz
• Integrated Encoders, Decoders, and Data Framing
Crystal or Oscillator
for NFC Initiator, Active and Passive Target
• Integrated Voltage Regulator Output for Other
Operation for All Three Bit Rates (106 kbps,
System Components (MCU, Peripherals,
212 kbps, 424 kbps) and Card Emulation
Indicators), 20 mA (Max)
• RF Field Detector With Programmable Wake-Up
• Programmable Modulation Depth
Levels for NFC Passive Transponder Emulation
• Dual Receiver Architecture With RSSI for
Operation
Elimination of "Read Holes" and Adjacent Reader
• RF Field Detector for NFC Physical Collision
System or Ambient In-Band Noise Detection
Avoidance.
• Programmable Power Modes for Ultra Low-Power
• Integrated State Machine for ISO14443A
System Design (Power Down <1 µA)
Anticollision (Broken Bytes) Operation
• Parallel or SPI Interface (With 127-Byte FIFO)
(Transponder Emulation or NFC Passive Target)
• Temperature Range: –40°C to 110°C
• Input Voltage Range: 2.7 VDC to 5.5 VDC
• 32-Pin QFN Package (5 mm x 5 mm)
1.2
Applications
Mobile Devices (Tablets, Handsets)
Short-Range Wireless Communication Tasks
(Firmware Updates)
Secure Pairing ( Bluetooth®, Wi-Fi®, Other Paired
Wireless Networks)
Product Identification or Authentication
Public Transport or Event Ticketing
Medical Equipment or Consumables
Passport or Payment (POS) Reader Systems
Access Control, Digital Door Locks
Sharing of Electronic Business Cards
1.3
Description
The TRF7970A device is an integrated analog front end and data-framing device for a 13.56-MHz RFID
and Near Field Communication (NFC) system. Built-in programming options make the device suitable for a
wide range of applications for proximity and vicinity identification systems.
The device can perform in one of three modes: RFID and NFC reader, NFC peer, or in card emulation
mode. Built-in user-configurable programming options make the device suitable for a wide range of
applications. The TRF7970A device is configured by selecting the desired protocol in the control registers.
Direct access to all control registers allows fine tuning of various reader parameters as needed.
Documentation, reference designs, EVM, and source code TI MSP430™ MCUs or ARM® MCUs are
available.
Device Information
PART NUMBER
PACKAGE
BODY SIZE
TRF7970ARHB
VQFN (32)
5 mm x 5 mm
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TRF7970A_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7970AEVM TI-TRF7970AEVM Datasheet
3Mb / 85P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION (NFC) TRANSCEIVER IC
TRF7970ARHBR TI1-TRF7970ARHBR Datasheet
2Mb / 83P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION
TRF7970ARHBR TI-TRF7970ARHBR Datasheet
3Mb / 85P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION (NFC) TRANSCEIVER IC
TRF7970ARHBT TI1-TRF7970ARHBT Datasheet
2Mb / 83P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION
TRF7970ARHBT TI-TRF7970ARHBT Datasheet
3Mb / 85P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION (NFC) TRANSCEIVER IC
More results

Similar Description - TRF7970A_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7970A TI-TRF7970A Datasheet
3Mb / 85P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION (NFC) TRANSCEIVER IC
TRF7970A TI1-TRF7970A Datasheet
2Mb / 83P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION
TRF7963A TI-TRF7963A Datasheet
2Mb / 62P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO14443A,B/NFC STANDARDS
logo
NXP Semiconductors
PN7160 NXP-PN7160_V01 Datasheet
761Kb / 70P
   Near Field Communication (NFC) controller
Rev. 3.8 - 14 December 2022
PN7160 NXP-PN7160_V02 Datasheet
760Kb / 67P
   Near Field Communication (NFC) controller
Rev. 3.9 - 8 March 2023
PN5331B3HN NXP-PN5331B3HN Datasheet
1Mb / 236P
   Near Field Communication (NFC) controller
Rev. 3.4-29 November 2017
PN532 NXP-PN532 Datasheet
201Kb / 27P
   Near Field Communication (NFC) controller
Rev.3.2-20 September 2012
PN533 PHILIPS-PN533 Datasheet
76Kb / 9P
   Near Field Communication (NFC) controller
Rev. 3.3-16 July 2012
PN7160 NXP-PN7160 Datasheet
755Kb / 68P
   Near Field Communication (NFC) controller
Rev.3.2-30September2021
logo
Texas Instruments
TRF7963ARHBR TI-TRF7963ARHBR Datasheet
2Mb / 63P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID EADER/WRITER FOR ISO14443A,B/NFC STANDARDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com