Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6468US Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N6468US
Description  Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N6468US Datasheet(HTML) 1 Page - Microsemi Corporation

  1N6468US Datasheet HTML 1Page - Microsemi Corporation 1N6468US Datasheet HTML 2Page - Microsemi Corporation 1N6468US Datasheet HTML 3Page - Microsemi Corporation 1N6468US Datasheet HTML 4Page - Microsemi Corporation 1N6468US Datasheet HTML 5Page - Microsemi Corporation 1N6468US Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
T4-LDS-0286-1, Rev. 1 (4/22/13)
©2013 Microsemi Corporation
Page 1 of 6
1N6461US – 1N6468US
Available on
commercial
versions
Voidless Hermetically Sealed Unidirectional
Transient Voltage Suppressors
Qualified per MIL-PRF-19500/551
Qualified Levels:
JAN, JANTX, and
JANTXV
DESCRIPTION
This surface mount series of 500 watt voidless hermetically sealed unidirectional Transient
Voltage Suppressors (TVS) are military qualified to MIL-PRF-19500/551 and are ideal for
high-reliability applications where a failure cannot be tolerated. Working peak “standoff”
voltages are available from 5.0 to 51.6 volts. They are very robust, using a hard glass casing
and internal Category 1 metallurgical bonds.
These devices are also available in axial-leaded
packages for thru-hole mounting.
“B” SQ-MELF
Package
Also available in:
“B” Package
(axial –leaded)
1N6461 - 1N6468
Important: For the latest information, visit our website http://www.microsemi.com.
FEATURES
Surface mount equivalent of JEDEC registered 1N6461 thru 1N6468 series.
Available as 500 watt peak pulse power (PPP).
Working peak “standoff” voltage (VWM) from 5.0 to 51.6 volt.
High surge current and peak pulse power provides transient voltage protection for sensitive circuits.
Triple-layer passivation.
Internal “Category 1” metallurgical bonds.
Voidless hermetically sealed glass package.
JAN, JANTX, and JANTXV qualifications available per MIL-PRF-19500/551. Other screening in
reference to MIL-PRF-19500 is also available.
(See part nomenclature for all available options.)
RoHS compliant versions available (commercial grade only).
APPLICATIONS / BENEFITS
Military and other high-reliability applications.
Extremely robust construction.
ESD and EFT protection per IEC61000-4-2 and IEC61000-4-4 respectively.
Protection from secondary effects of lightning per select levels in IEC61000-4-5.
Square-end-cap terminals for easy placement.
Nonsensitive to ESD per MIL-STD-750 method 1020.
Inherently radiation hard as described in Microsemi “MicroNote 050”.
MAXIMUM RATINGS @ 25 ºC
Parameters/Test Conditions
Symbol
Value
Unit
Junction and Storage Temperature
TJ and TSTG
-55 to +175
oC
Thermal Resistance, Junction to Endcap
RӨJEC
20
ºC/W
Forward Surge Current @ 8.3 ms half-sine
IFSM
80
A
Forward Voltage @ 1 Amp
VF
1.5
V
Peak Pulse Power @ 10/1000
µs
PPP
500
W
Reverse Power Dissipation
(1)
PR
2.5
W
Solder Temperature @ 10 s
260
oC
Notes:
1. Derate at 50 mW/
oC (see figure 4).
MSC – Lawrence
6 Lake Street,
Lawrence, MA 01841
Tel: 1-800-446-1158 or
(978) 620-2600
Fax: (978) 689-0803
MSC – Ireland
Gort Road Business Park,
Ennis, Co. Clare, Ireland
Tel: +353 (0) 65 6840044
Fax: +353 (0) 65 6822298
Website:
www.microsemi.com


Similar Part No. - 1N6468US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6468US MICROSEMI-1N6468US Datasheet
310Kb / 3P
   Voidless-Hermetically-Sealed Surface Mount Unidirectional Transient
logo
Semtech Corporation
1N6468US SEMTECH-1N6468US Datasheet
128Kb / 4P
   QPL 500 Watt Surface Mount TVS
logo
Microsemi Corporation
1N6468US MICROSEMI-1N6468US Datasheet
508Kb / 6P
   Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors
1N6468US MICROSEMI-1N6468US Datasheet
508Kb / 6P
   Voidless Hermetically Sealed Unidirectional Voidless Hermetically Sealed Unidirectional
More results

Similar Description - 1N6468US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTX1N6461US MICROSEMI-JANTX1N6461US Datasheet
508Kb / 6P
   Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors
JANTX1N6464 MICROSEMI-JANTX1N6464 Datasheet
529Kb / 6P
   Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors
1N6461 MICROSEMI-1N6461_08 Datasheet
223Kb / 3P
   Voidless-Hermetically-Sealed Unidirectional Transient Suppressors
JAN1N6467 MICROSEMI-JAN1N6467 Datasheet
223Kb / 3P
   Voidless-Hermetically-Sealed Unidirectional Transient Suppressors
1N6469US MICROSEMI-1N6469US_07 Datasheet
185Kb / 3P
   Voidless-Hermetically-Sealed Surface Mount Unidirectional Transient Suppressors
JAN1N6461 MICROSEMI-JAN1N6461 Datasheet
508Kb / 6P
   Voidless Hermetically Sealed Unidirectional Voidless Hermetically Sealed Unidirectional
1N8149 MICROSEMI-1N8149 Datasheet
420Kb / 6P
   Voidless-Hermetically-Sealed Unidirectional 150 W Low-Capacitance Transient Voltage Suppressors
Rev x
1N6138A MICROSEMI-1N6138A Datasheet
509Kb / 7P
   Voidless Hermetically Sealed Bidirectional Transient Voltage Suppressors
1N6469 MICROSEMI-1N6469 Datasheet
331Kb / 3P
   Voidless-Hermetically-Sealed Unidirectiona Transient Suppressors
1N6461US MICROSEMI-1N6461US Datasheet
310Kb / 3P
   Voidless-Hermetically-Sealed Surface Mount Unidirectional Transient
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com