Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMB5929BT3G Datasheet(PDF) 4 Page - ON Semiconductor

Part # 1SMB5929BT3G
Description  3 Watt Plastic Surface Mount Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SMB5929BT3G Datasheet(HTML) 4 Page - ON Semiconductor

  1SMB5929BT3G Datasheet HTML 1Page - ON Semiconductor 1SMB5929BT3G Datasheet HTML 2Page - ON Semiconductor 1SMB5929BT3G Datasheet HTML 3Page - ON Semiconductor 1SMB5929BT3G Datasheet HTML 4Page - ON Semiconductor 1SMB5929BT3G Datasheet HTML 5Page - ON Semiconductor 1SMB5929BT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1SMB59xxBT3G Series, SZ1SMB59xxT3G Series
http://onsemi.com
4
Figure 1. Steady State Power Derating
0
25
50
75
100
125
150
6
5
4
3
2
0
T, TEMPERATURE (
C)
10
20
30
50
100
200
300
500
1K
0.1
0.2 0.3 0.5
1
2
3
5
10
20 30 50
100
PW, PULSE WIDTH (ms)
Figure 2. Maximum Surge Power
RECTANGULAR
NONREPETITIVE
WAVEFORM
TJ =25C PRIOR
TO INITIAL PULSE
Figure 3. Zener Voltage − To 12 Volts
2
4
6
8
10
12
10
8
6
4
2
0
-2
-4
VZ, ZENER VOLTAGE (VOLTS)
0
1
2
3
45
678
9
10
100
50
30
20
10
1
0.5
0.3
0.2
0.1
VZ, ZENER VOLTAGE (VOLTS)
2
5
3
0
10
203040
50
607080
90
100
VZ, ZENER VOLTAGE (VOLTS)
100
50
30
20
10
1
0.5
0.3
0.2
0.1
2
5
3
1
VZ @ IZT
TL
TA
Figure 4. Zener Voltage − 14 To 200 Volts
200
100
70
50
30
20
10
10
20
30
50
70
100
200
VZ, ZENER VOLTAGE (VOLTS)
VZ @ IZT
Figure 5. VZ = 3.3 thru 10 Volts
Figure 6. VZ = 12 thru 82 Volts


Similar Part No. - 1SMB5929BT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMB5929BT3G ONSEMI-1SMB5929BT3G Datasheet
72Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
July, 2006 ??Rev. 6
1SMB5929BT3G ONSEMI-1SMB5929BT3G Datasheet
80Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
1SMB5929BT3G ONSEMI-1SMB5929BT3G Datasheet
154Kb / 7P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
More results

Similar Description - 1SMB5929BT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMB5913BT3 ONSEMI-1SMB5913BT3 Datasheet
70Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
September, 2004 ??Rev. 4
1SMB5956BT3G ONSEMI-1SMB5956BT3G Datasheet
168Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
1SMB59XXBT3G ONSEMI-1SMB59XXBT3G Datasheet
154Kb / 7P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
1SMB5913BT3 ONSEMI-1SMB5913BT3_16 Datasheet
80Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
1SMB5913BT3 ONSEMI-1SMB5913BT3_06 Datasheet
72Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
July, 2006 ??Rev. 6
1SMA5913BT3 ONSEMI-1SMA5913BT3_07 Datasheet
68Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
March, 2007 ??Rev. 6
1SMA5929 ONSEMI-1SMA5929 Datasheet
82Kb / 6P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2004 ??Rev. 4
1SMA5913BT3 ONSEMI-1SMA5913BT3 Datasheet
77Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
August, 2016 ??Rev. 10
logo
Cystech Electonics Corp...
ZMM55CXXSM CYSTEKEC-ZMM55CXXSM Datasheet
132Kb / 3P
   Surface Mount Zener Voltage Regulators
logo
SHIKUES Electronics
1SMB5913BG SKTECHNOLGY-1SMB5913BG Datasheet
364Kb / 4P
   Surface Mount Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com