Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMB5934BT3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # 1SMB5934BT3G
Description  3 Watt Plastic Surface Mount Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SMB5934BT3G Datasheet(HTML) 3 Page - ON Semiconductor

  1SMB5934BT3G Datasheet HTML 1Page - ON Semiconductor 1SMB5934BT3G Datasheet HTML 2Page - ON Semiconductor 1SMB5934BT3G Datasheet HTML 3Page - ON Semiconductor 1SMB5934BT3G Datasheet HTML 4Page - ON Semiconductor 1SMB5934BT3G Datasheet HTML 5Page - ON Semiconductor 1SMB5934BT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1SMB59xxBT3G Series, SZ1SMB59xxT3G Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TL = 30C unless otherwise noted, VF = 1.5 V Max. @ IF = 200 mA(dc) for all types)
(Devices listed in bold, italic are ON Semiconductor Preferred devices.)
Device*
(Note 2)
Device
Marking
Zener Voltage (Note 3)
Zener Impedance (Note 4)
Leakage Current
IZM
VZ (Volts)
@ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Min
Nom
Max
mA
W
W
mA
mA
Volts
mA(dc)
1SMB5913BT3G
913B
3.13
3.3
3.47
113.6
10
500
1
100
1
454
1SMB5914BT3G
914B
3.42
3.6
3.78
104.2
9
500
1
75
1
416
1SMB5915BT3G
915B
3.70
3.9
4.10
96.1
7.5
500
1
25
1
384
1SMB5916BT3G
916B
4.08
4.3
4.52
87.2
6
500
1
5
1
348
1SMB5917BT3G
917B
4.46
4.7
4.94
79.8
5
500
1
5
1.5
319
1SMB5918BT3G
918B
4.84
5.1
5.36
73.5
4
350
1
5
2
294
1SMB5919BT3G
919B
5.32
5.6
5.88
66.9
2
250
1
5
3
267
1SMB5920BT3G
920B
5.89
6.2
6.51
60.5
2
200
1
5
4
241
1SMB5921BT3G
921B
6.46
6.8
7.14
55.1
2.5
200
1
5
5.2
220
1SMB5922BT3G
922B
7.12
7.5
7.88
50
3
400
0.5
5
6
200
1SMB5923BT3G
923B
7.79
8.2
8.61
45.7
3.5
400
0.5
5
6.5
182
1SMB5924BT3G
924B
8.64
9.1
9.56
41.2
4
500
0.5
5
7
164
1SMB5925BT3G
925B
9.5
10
10.5
37.5
4.5
500
0.25
5
8
150
1SMB5926BT3G
926B
10.45
11
11.55
34.1
5.5
550
0.25
1
8.4
136
1SMB5927BT3G
927B
11.4
12
12.6
31.2
6.5
550
0.25
1
9.1
125
1SMB5928BT3G
928B
12.35
13
13.65
28.8
7
550
0.25
1
9.9
115
1SMB5929BT3G
929B
14.25
15
15.75
25
9
600
0.25
1
11.4
100
1SMB5930BT3G
930B
15.2
16
16.8
23.4
10
600
0.25
1
12.2
93
1SMB5931BT3G
931B
17.1
18
18.9
20.8
12
650
0.25
1
13.7
83
1SMB5932BT3G
932B
19
20
21
18.7
14
650
0.25
1
15.2
75
1SMB5933BT3G
933B
20.9
22
23.1
17
17.5
650
0.25
1
16.7
68
1SMB5934BT3G
934B
22.8
24
25.2
15.6
19
700
0.25
1
18.2
62
1SMB5935BT3G
935B
25.65
27
28.35
13.9
23
700
0.25
1
20.6
55
1SMB5936BT3G
936B
28.5
30
31.5
12.5
28
750
0.25
1
22.8
50
1SMB5937BT3G
937B
31.35
33
34.65
11.4
33
800
0.25
1
25.1
45
1SMB5938BT3G
938B
34.2
36
37.8
10.4
38
850
0.25
1
27.4
41
1SMB5939BT3G
939B
37.05
39
40.95
9.6
45
900
0.25
1
29.7
38
1SMB5940BT3G
940B
40.85
43
45.15
8.7
53
950
0.25
1
32.7
34
1SMB5941BT3G
941B
44.65
47
49.35
8
67
1000
0.25
1
35.8
31
1SMB5942BT3G
942B
48.45
51
53.55
7.3
70
1100
0.25
1
38.8
29
1SMB5943BT3G
943B
53.2
56
58.8
6.7
86
1300
0.25
1
42.6
26
1SMB5944BT3G
944B
58.9
62
65.1
6
100
1500
0.25
1
47.1
24
1SMB5945BT3G
945B
64.6
68
71.4
5.5
120
1700
0.25
1
51.7
22
1SMB5946BT3G
946B
71.25
75
78.75
5
140
2000
0.25
1
56
20
1SMB5947BT3G
947B
77.9
82
86.1
4.6
160
2500
0.25
1
62.2
18
1SMB5948BT3G
948B
86.45
91
95.55
4.1
200
3000
0.25
1
69.2
16
1SMB5949BT3G
949B
95
100
105
3.7
250
3100
0.25
1
76
15
1SMB5950BT3G
950B
104.5
110
115.5
3.4
300
4000
0.25
1
83.6
13
1SMB5951BT3G
951B
114
120
126
3.1
380
4500
0.25
1
91.2
12
1SMB5952BT3G
952B
123.5
130
136.5
2.9
450
5000
0.25
1
98.8
11
1SMB5953BT3G
953B
142.5
150
157.5
2.5
600
6000
0.25
1
114
10
1SMB5954BT3G
954B
152
160
168
2.3
700
6500
0.25
1
121.6
9
1SMB5955BT3G
955B
171
180
189
2.1
900
7000
0.25
1
136.8
8
1SMB5956BT3G
956B
190
200
210
1.9
1200
8000
0.25
1
152
7
2. TOLERANCE AND TYPE NUMBER DESIGNATION The type numbers listed indicate a tolerance of 5%.
3. ZENER VOLTAGE (VZ) MEASUREMENT
Nominal Zener voltage is measured with the device junction in thermal equilibrium with ambient temperature at 25C.
4. ZENER IMPEDANCE (ZZ) DERIVATION ZZT and ZZK are measured by dividing the ac voltage drop across the device by the ac current
applied. The specified limits are for IZ(ac) = 0.1 IZ(dc) with the ac frequency = 60 Hz.
*Include SZ-prefix devices where applicable.


Similar Part No. - 1SMB5934BT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMB5934BT3G ONSEMI-1SMB5934BT3G Datasheet
72Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
July, 2006 ??Rev. 6
1SMB5934BT3G ONSEMI-1SMB5934BT3G Datasheet
80Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
1SMB5934BT3G ONSEMI-1SMB5934BT3G Datasheet
154Kb / 7P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
More results

Similar Description - 1SMB5934BT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMB5913BT3 ONSEMI-1SMB5913BT3 Datasheet
70Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
September, 2004 ??Rev. 4
1SMB5956BT3G ONSEMI-1SMB5956BT3G Datasheet
168Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
1SMB59XXBT3G ONSEMI-1SMB59XXBT3G Datasheet
154Kb / 7P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
1SMB5913BT3 ONSEMI-1SMB5913BT3_16 Datasheet
80Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
1SMB5913BT3 ONSEMI-1SMB5913BT3_06 Datasheet
72Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
July, 2006 ??Rev. 6
1SMA5913BT3 ONSEMI-1SMA5913BT3_07 Datasheet
68Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
March, 2007 ??Rev. 6
1SMA5929 ONSEMI-1SMA5929 Datasheet
82Kb / 6P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2004 ??Rev. 4
1SMA5913BT3 ONSEMI-1SMA5913BT3 Datasheet
77Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
August, 2016 ??Rev. 10
logo
Cystech Electonics Corp...
ZMM55CXXSM CYSTEKEC-ZMM55CXXSM Datasheet
132Kb / 3P
   Surface Mount Zener Voltage Regulators
logo
SHIKUES Electronics
1SMB5913BG SKTECHNOLGY-1SMB5913BG Datasheet
364Kb / 4P
   Surface Mount Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com