Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62237 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS62237
Description  2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62237 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62237 Datasheet HTML 2Page - Texas Instruments TPS62237 Datasheet HTML 3Page - Texas Instruments TPS62237 Datasheet HTML 4Page - Texas Instruments TPS62237 Datasheet HTML 5Page - Texas Instruments TPS62237 Datasheet HTML 6Page - Texas Instruments TPS62237 Datasheet HTML 7Page - Texas Instruments TPS62237 Datasheet HTML 8Page - Texas Instruments TPS62237 Datasheet HTML 9Page - Texas Instruments TPS62237 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
VIN
GND
FB
MODE
EN
SW
L =1/2.2 H
m
TPS6223X
V
=2.05Vto6V
IN
C
2.2 F
IN
m
VOUT
C
4.7 F
OUT
m
C :MurataGRM155R60J225ME15D2.2 F0402size
IN
m
C
:MurataGRM188R60J475ME4.7 F0603size,VOUT >=1.8V
C
: Taiyo Yuden AMK105BJ475MV4.7 F0402size,VOUT =1.2V
l:MurataLQM2HPN1R0MJ01 H,LQM2HPN2R2MJ02.2 H,
size2.5x2.0x1.2mm
OUT
OUT
m
m
m
m
3
TPS62230, TPS62231, TPS62232, TPS62233, TPS62234, TPS62235, TPS62236
TPS62237, TPS62238, TPS62239, TPS622310, TPS622311, TPS622312
TPS622313, TPS622314, TPS622315, TPS622316, TPS622317, TPS622318
SLVS941E – APRIL 2009 – REVISED DECEMBER 2010
www.ti.com
PARAMETER MEASUREMENT INFORMATION
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
FIGURE
η
Efficiency
vs Load current
1, 2, 3, 4, 5, 6, 7
η
Efficiency
vs Output Current
8, 9, 10, 11
12, 13, 14, 15,
VO
Output voltage
vs Output current
16, 17
18, 19, 20, 21,
Switching frequency
vs Output current
22, 23, 24, 25,
26, 27
Output voltage peak to peak
vs Output current
28,29
IQ
Quiescent current
vs Ambient temperature
30
ISD
Shutdown current
vs Ambient temperature
31
PMOS Static drain-source on-state resistance
vs Supply voltage and ambient temperature
32
rDS(ON)
NMOS Static drain-source on-state resistance
vs Supply voltage and ambient temperature
33
PSRR
Power supply rejection ratio
vs Frequency
34
Typical operation
35, 36, 37
PFM
38
Line transient response
PWM
39
Mode transition PFM / forced PWM
40
AC - load regulation performance
41 42, 43
Load transient response
44, 45, 46, 47
Start-up
48, 49
Spurious Output Noise, 12R Load
50
Spurious Output Noise, 100R Load
51
6
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated


Similar Part No. - TPS62237

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62237 TI-TPS62237 Datasheet
1Mb / 31P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62237 TI-TPS62237 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62237 TI1-TPS62237 Datasheet
2Mb / 40P
[Old version datasheet]   2-MHz and 3-MHz Ultra Small Step-Down Converter in 1 x 1.5 USON Package
TPS62237DRY TI-TPS62237DRY Datasheet
1Mb / 31P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62237DRYR TI-TPS62237DRYR Datasheet
1Mb / 31P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
More results

Similar Description - TPS62237

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230_1 Datasheet
1Mb / 31P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62065 TI-TPS62065 Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com