Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4350H3LMR Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # TISP4350H3LMR
Description  TISP4xxxH3LM Overvoltage Protector Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4350H3LMR Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  TISP4350H3LMR Datasheet HTML 1Page - Bourns Electronic Solutions TISP4350H3LMR Datasheet HTML 2Page - Bourns Electronic Solutions TISP4350H3LMR Datasheet HTML 3Page - Bourns Electronic Solutions TISP4350H3LMR Datasheet HTML 4Page - Bourns Electronic Solutions TISP4350H3LMR Datasheet HTML 5Page - Bourns Electronic Solutions TISP4350H3LMR Datasheet HTML 6Page - Bourns Electronic Solutions TISP4350H3LMR Datasheet HTML 7Page - Bourns Electronic Solutions TISP4350H3LMR Datasheet HTML 8Page - Bourns Electronic Solutions TISP4350H3LMR Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NOVEMBER 1997 - REVISED JANUARY 2010
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP4xxxF3LM Overvoltage Protector Series
TISP4xxxH3LM Overvoltage Protector Series
Electrical Characteristics, TA = 25 °C (Unless Otherwise Noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
IDRM
Repetitive peak off-
state current
VD = ±VDRM
TA = 25 °C
TA = 85 °C
±5
±10
V(BO)
Breakover voltage
dv/dt =
±750 V/ms, RSOURCE =
‘4070
‘4080
‘4095
‘4115
‘4125
‘4145
‘4165
‘4180
‘4220
‘4240
‘4250
‘4260
‘4290
‘4300
‘4350
‘4395
‘4400
±70
±80
±95
±115
±125
±145
±165
±180
±220
±240
±250
±260
±290
±300
±350
±395
±400
V
V(BO)
Impulse breakover
voltage
dv/dt
≤ ±1000
Linear voltage ramp,
Maximum ramp value =
±500 V
di/dt =
±20 A
Linear current ramp,
Maximum ramp value =
±10 A
‘4070
‘4080
‘4095
‘4115
‘4125
‘4145
‘4165
‘4180
‘4220
‘4240
‘4250
‘4260
‘4290
‘4300
‘4350
‘4395
‘4400
±78
±88
±103
±124
±134
±154
±174
±189
±230
±250
±261
±271
±301
±311
±362
±408
±413
V
I(BO)
Breakover current
dv/dt =
±750 V/ms, RSOURCE =
±0.15
±0.6
A
VT
On-state voltage
IT = ±5A,t W = 100
±3V
IH
Holding current
IT = ±5A,di/dt= - / +30 mA/ms
±0.15
±0.6
A
dv/dt
Critical rate of rise of
off-state voltage
Linear voltage ramp, Maximum ramp value < 0.85VDRM
±5kV
ID
Off-state current
VD = ±50 V
TA = 85 °C
±10
μA
OBSOLET
E


Similar Part No. - TISP4350H3LMR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4350H3 BOURNS-TISP4350H3 Datasheet
361Kb / 15P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4350H3 BOURNS-TISP4350H3 Datasheet
444Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4350H3 BOURNS-TISP4350H3 Datasheet
392Kb / 13P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4350H3 BOURNS-TISP4350H3 Datasheet
392Kb / 13P
   Overvoltage Protector Series BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4350H3 BOURNS-TISP4350H3 Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
More results

Similar Description - TISP4350H3LMR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP3XXXH3SL BOURNS-TISP3XXXH3SL Datasheet
353Kb / 12P
   Overvoltage Protector Series
TISP4P0XXL1N BOURNS-TISP4P0XXL1N Datasheet
397Kb / 5P
   Overvoltage Protector Series
TISP1XXXH3BJ BOURNS-TISP1XXXH3BJ Datasheet
205Kb / 7P
   Overvoltage Protector Series
TISP3XXXT3BJ BOURNS-TISP3XXXT3BJ Datasheet
363Kb / 11P
   Overvoltage Protector Series
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
   Overvoltage Protector
TISP4A250H3BJ BOURNS-TISP4A250H3BJ Datasheet
535Kb / 8P
   Overvoltage Protector
TISP61089HDM BOURNS-TISP61089HDM_07 Datasheet
279Kb / 7P
   Overvoltage Protector
TISP1XXXF3 BOURNS-TISP1XXXF3 Datasheet
752Kb / 13P
   Overvoltage Protector
TISP4300H3BJR-S BOURNS-TISP4300H3BJR-S Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
TISP4350H3BJR BOURNS-TISP4350H3BJR Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com