Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4180H3 Datasheet(PDF) 10 Page - Bourns Electronic Solutions

Part # TISP4180H3
Description  TISP4xxxH3LM Overvoltage Protector Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4180H3 Datasheet(HTML) 10 Page - Bourns Electronic Solutions

Back Button TISP4180H3 Datasheet HTML 5Page - Bourns Electronic Solutions TISP4180H3 Datasheet HTML 6Page - Bourns Electronic Solutions TISP4180H3 Datasheet HTML 7Page - Bourns Electronic Solutions TISP4180H3 Datasheet HTML 8Page - Bourns Electronic Solutions TISP4180H3 Datasheet HTML 9Page - Bourns Electronic Solutions TISP4180H3 Datasheet HTML 10Page - Bourns Electronic Solutions TISP4180H3 Datasheet HTML 11Page - Bourns Electronic Solutions TISP4180H3 Datasheet HTML 12Page - Bourns Electronic Solutions TISP4180H3 Datasheet HTML 13Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TISP4xxxH3LM Overvoltage Protector Series
Deployment
NOVEMBER 1997 - REVISED JANUARY 2010
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
APPLICATIONS INFORMATION
These devices are two terminal overvoltage protectors. They may be used either singly to limit the voltage between two conductors
(Figure 12) or in multiples to limit the voltage at several points in a circuit (Figure 13).
Figure 12. Two Point Protection
Figure 13. Multi-point Protection
Th1
Th3
Th2
Th1
In Figure 12, protector Th1 limits the maximum voltage between the two conductors to ±V(BO). This configuration is normally used to
protect circuits without a ground reference, such as modems. In Figure 13, protectors Th2 and Th3 limit the maximum voltage between each
conductor and ground to the ±V(BO) of the individual protector. Protector Th1 limits the maximum voltage between the two conductors to its
±V(BO) value. If the equipment being protected has all its vulnerable components connected between the conductors and ground, then
protector Th1 is not required.
Impulse Testing
To verify the withstand capability and safety of the equipment, standards require that the equipment is tested with various impulse wave
forms. The table below shows some common values
.
If the impulse generator current exceeds the protector’s current rating, then a series resistance can be used to reduce the current to the
protector’s rated value to prevent possible failure. The required value of series resistance for a given waveform is given by the following
calculations. First, the minimum total circuit impedance is found by dividing the impulse generator’s peak voltage by the protector’s rated
current. The impulse generator’s fictive impedance (generator’s peak voltage divided by peak short circuit current) is then subtracted from the
minimum total circuit impedance to give the required value of series resistance. In some cases, the equipment will require verification over a
temperature range. By using the rated waveform values from Figure 11, the appropriate series resistor value can be calculated for ambient
temperatures in the range of -40 °C to 85 °C.
Standard
Peak Voltage
Setting
V
Voltage
Waveform
µs
Peak Current
Value
A
Current
Waveform
µs
TISP4xxxH3
25 °C Rating
A
Series
Resistance
GR-1089-CORE
2500
2/10
500
2/10
500
0
1000
10/1000
100
10/1000
100
FCC Part 68
(March 1998)
1500
10/160
200
10/160
250
0
800
10/560
100
10/560
160
0
1500
9/720 †
37.5
5/320 †
200
0
1000
9/720 †
25
5/320 †
200
0
I3124
1500
0.5/700
37.5
0.2/310
200
0
ITU-T K.20/K 21
1500
4000
10/700
37.5
100
5/310
200
0
† FCC Part 68 terminology for the waveforms produced by the ITU-T recommendation K.21 10/700 impulse generator
AC Power Testing
The protector can withstand currents applied for times not exceeding those shown in Figure 8. Currents that exceed these times must be
terminated or reduced to avoid protector failure. Fuses, PTC (Positive Temperature Coefficient) resistors and fusible resistors are overcurrent
protection devices which can be used to reduce the current flow. Protective fuses may range from a few hundred milliamperes to one am-
pere. In some cases, it may be necessary to add some extra series resistance to prevent the fuse opening during impulse testing. The current
versus time characteristic of the overcurrent protector must be below the line shown in Figure 8. In some cases, there may be a further time
limit imposed by the test standard (e.g. UL 1459 wiring simulator failure).
OBSOLET
E


Similar Part No. - TISP4180H3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4180H3 BOURNS-TISP4180H3 Datasheet
361Kb / 15P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4180H3 BOURNS-TISP4180H3 Datasheet
444Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4180H3 BOURNS-TISP4180H3 Datasheet
392Kb / 13P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4180H3 BOURNS-TISP4180H3 Datasheet
392Kb / 13P
   Overvoltage Protector Series BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4180H3 BOURNS-TISP4180H3 Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
More results

Similar Description - TISP4180H3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP3XXXH3SL BOURNS-TISP3XXXH3SL Datasheet
353Kb / 12P
   Overvoltage Protector Series
TISP4P0XXL1N BOURNS-TISP4P0XXL1N Datasheet
397Kb / 5P
   Overvoltage Protector Series
TISP1XXXH3BJ BOURNS-TISP1XXXH3BJ Datasheet
205Kb / 7P
   Overvoltage Protector Series
TISP3XXXT3BJ BOURNS-TISP3XXXT3BJ Datasheet
363Kb / 11P
   Overvoltage Protector Series
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
   Overvoltage Protector
TISP4A250H3BJ BOURNS-TISP4A250H3BJ Datasheet
535Kb / 8P
   Overvoltage Protector
TISP61089HDM BOURNS-TISP61089HDM_07 Datasheet
279Kb / 7P
   Overvoltage Protector
TISP1XXXF3 BOURNS-TISP1XXXF3 Datasheet
752Kb / 13P
   Overvoltage Protector
TISP4300H3BJR-S BOURNS-TISP4300H3BJR-S Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
TISP4350H3BJR BOURNS-TISP4350H3BJR Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com