Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22920 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS22920
Description  Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22920 Datasheet(HTML) 1 Page - Texas Instruments

  TPS22920_14 Datasheet HTML 1Page - Texas Instruments TPS22920_14 Datasheet HTML 2Page - Texas Instruments TPS22920_14 Datasheet HTML 3Page - Texas Instruments TPS22920_14 Datasheet HTML 4Page - Texas Instruments TPS22920_14 Datasheet HTML 5Page - Texas Instruments TPS22920_14 Datasheet HTML 6Page - Texas Instruments TPS22920_14 Datasheet HTML 7Page - Texas Instruments TPS22920_14 Datasheet HTML 8Page - Texas Instruments TPS22920_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SMPS
OFF
ON
TPS22920
V
OUT
R
L
C
L
GND
ON
GND
C
IN
V
IN
TPS22920
www.ti.com
SLVSAY8A – JUNE 2011 – REVISED JULY 2013
Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
Check for Samples: TPS22920
1
FEATURES
DESCRIPTION
The TPS22920 is a small, ultra-low rON load switch
Integrated Load Switch
with controlled turn on. The device contains a N-
Input Voltage Range: 0.75-V to 3.6-V
channel MOSFET that can operate over an input
Integrated Pass-FET rDSON = 2mΩ (typ) at 3.6-V
voltage range of 0.75 V to 3.6 V and switch currents
up to 4-A. An integrated charge pump biases the
Ultra-Low ON-Resistance
NMOS switch in order to achieve a minimum switch
rON = 5.3-mΩ at 3.6-V
ON resistance (rON). The switch is controlled by an
rON = 5.4-mΩ at 2.5-V
on/off input (ON), which is capable of interfacing
directly with low-voltage control signals.
rON = 5.5-mΩ at 1.8-V
rON = 5.8-mΩ at 1.2-V
The TPS22920 has a 1250-
Ω on-chip load resistor for
quick output discharge when the switch is turned off.
rON = 6.1-mΩ at 1.05-V
rON = 7.3-mΩ at 0.75-V
The TPS22920 has an internally controlled rise time
in order to reduce inrush current. The TPS22920
Ultra Small CSP-8 package 0.9mm×1.9mm,
features a rise time of 880
μS at 3.6-V.
0.5mm pitch
The TPS22920 is available in an ultra-small, space-
4-A Maximum Continuous Switch Current
saving 8-pin CSP package and is characterized for
Shutdown Current 5.5-µA max
operation over the free-air temperature range of
Low Threshold Control Input
–40°C to 85°C.
Controlled slew- rate to avoid inrush current
Quick Output Discharge Transistor
ESD Performance Tested Per JESD 22
4000-V Human-Body Model
(A114-B, Class II)
1000-V Charged-Device Model (C101)
Figure 1. Typical Application
APPLICATIONS
Notebook / Netbook Computer
Tablet PC
PDAs / Smartphones
GPS Navigation Devices
MP3 Players
FEATURE LIST
rON (typ)
RISE TIME
QUICK OUTPUT
MAXIMUM OUTPUT CURRENT
ENABLE
DISCHARGE(1)
at 3.6 V
(typ) at 3.6V
TPS22920
5.3- m
Ω
880 µS
Yes
4-A
Active High
(1)
This feature discharges the output of the switch to ground through a 1250-
Ω resistor, preventing the output from floating. See
Application section ‘Output Pull-Down’
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS22920_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22920 TI1-TPS22920_16 Datasheet
1Mb / 26P
[Old version datasheet]   On-Resistance, Integrated Load Switch
More results

Similar Description - TPS22920_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22920 TI1-TPS22920 Datasheet
353Kb / 16P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920L TI1-TPS22920L Datasheet
899Kb / 19P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Advanced Power Electron...
APE8998B A-POWER-APE8998B_16 Datasheet
575Kb / 8P
   ULTRA LOW ON RESISTANCE 4A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22930 TI1-TPS22930_16 Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com