Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB84VA2006-10 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB84VA2006-10
Description  8M (x 8/x 16) FLASH MEMORY & 1M (x 8) STATIC RAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB84VA2006-10 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB84VA2006-10 Datasheet HTML 4Page - Fujitsu Component Limited. MB84VA2006-10 Datasheet HTML 5Page - Fujitsu Component Limited. MB84VA2006-10 Datasheet HTML 6Page - Fujitsu Component Limited. MB84VA2006-10 Datasheet HTML 7Page - Fujitsu Component Limited. MB84VA2006-10 Datasheet HTML 8Page - Fujitsu Component Limited. MB84VA2006-10 Datasheet HTML 9Page - Fujitsu Component Limited. MB84VA2006-10 Datasheet HTML 10Page - Fujitsu Component Limited. MB84VA2006-10 Datasheet HTML 11Page - Fujitsu Component Limited. MB84VA2006-10 Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
8
MB84VA2006-10/MB84VA2007-10
*1: A-1 is for Byte mode.
(B): Byte mode
(W): Word mode
Table 6. 1 Flash Memory Autoselect Codes
Type
A6
A1
A0
A-1*1
Code (HEX)
Manufacturer’s Code
VIL
VIL
VIL
VIL
04H
Device Code
MB84VA2006
Byte
VIL
VIL
VIH
VIL
DAH
Word
X
22DAH
MB84VA2007
Byte
VIL
VIL
VIH
VIL
5BH
Word
X
225BH
Table 6. 2 Expanded Autoselect Code Table
Type
Code
DQ15 DQ14 DQ13 DQ12 DQ11 DQ10 DQ9
DQ8 DQ7 DQ6 DQ5 DQ4 DQ3 DQ2 DQ1 DQ0
Manufacturer’s Code
04H A-1/0
0000000
0
0
0
0
0
1
0
0
Device
Code
MB84VA2006 (B)
(W)
DAH
22DAH
A-1
0
HI-Z
0
HI-Z
1
HI-Z
0
HI-Z
0
HI-Z
0
HI-Z
1
HI-Z
0
1
1
1
1
0
0
1
1
1
1
0
0
1
1
0
0
MB84VA2007 (B)
(W)
5BH
225BH
A-1
0
HI-Z
0
HI-Z
1
HI-Z
0
HI-Z
0
HI-Z
0
HI-Z
1
HI-Z
0
0
0
1
1
0
0
1
1
1
1
0
0
1
1
1
1


Similar Part No. - MB84VA2006-10

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VA2000 FUJITSU-MB84VA2000 Datasheet
348Kb / 29P
   8M (X 8) FLASH MEMORY & 2M (X 8) STATIC RAM
MB84VA2000-10 FUJITSU-MB84VA2000-10 Datasheet
348Kb / 29P
   8M (X 8) FLASH MEMORY & 2M (X 8) STATIC RAM
MB84VA2001-10 FUJITSU-MB84VA2001-10 Datasheet
348Kb / 29P
   8M (X 8) FLASH MEMORY & 2M (X 8) STATIC RAM
MB84VA2002 FUJITSU-MB84VA2002 Datasheet
393Kb / 29P
   8M (x 8/x 16) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VA2002-10 FUJITSU-MB84VA2002-10 Datasheet
393Kb / 29P
   8M (x 8/x 16) FLASH MEMORY & 2M (x 8) STATIC RAM
More results

Similar Description - MB84VA2006-10

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VA2004 FUJITSU-MB84VA2004 Datasheet
349Kb / 29P
   8M (x 8) FLASH MEMORY & 1M (x 8) STATIC RAM
MB84VA2002 FUJITSU-MB84VA2002 Datasheet
393Kb / 29P
   8M (x 8/x 16) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VD2002 FUJITSU-MB84VD2002 Datasheet
423Kb / 30P
   8M (x 8/x 16) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VA2000 FUJITSU-MB84VA2000 Datasheet
348Kb / 29P
   8M (X 8) FLASH MEMORY & 2M (X 8) STATIC RAM
MB84VB2000 FUJITSU-MB84VB2000 Datasheet
314Kb / 28P
   8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
MB84VA2104 FUJITSU-MB84VA2104 Datasheet
401Kb / 29P
   16M (x 8) FLASH MEMORY & 1M (x 8) STATIC RAM
MB84VD2228 FUJITSU-MB84VD2228 Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 8M (x 8/x16) STATIC RAM
MB84VD2228XEA FUJITSU-MB84VD2228XEA Datasheet
1Mb / 63P
   32M (X 8/X16) FLASH MEMORY & 8M (X 8/X16) STATIC RAM
MB84VD2118XA FUJITSU-MB84VD2118XA Datasheet
907Kb / 55P
   16M ( x 8/ x 16) FLASH MEMORY & 4M ( x 8/ x 16) STATIC RAM
MB84VD2008 FUJITSU-MB84VD2008 Datasheet
393Kb / 30P
   8M (x 16) FLASH MEMORY & 2M (x 16) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com