Electronic Components Datasheet Search |
|
BDY56 Datasheet(PDF) 1 Page - Savantic, Inc. |
|
BDY56 Datasheet(HTML) 1 Page - Savantic, Inc. |
1 / 3 page SavantIC Semiconductor Product Specification Silicon NPN Power Transistors BDY56 DESCRIPTION ·With TO-3 package ·High current capability ·Fast switching speed APPLICATIONS ·LF large signal power amplification. PINNING (See Fig.2) PIN DESCRIPTION 1 Base 2 Emitter 3 Collector Absolute maximum ratings(Ta=25 ) SYMBOL PARAMETER CONDITIONS VALUE UNIT VCBO Collector-base voltage Open emitter 150 V VCEO Collector-emitter voltage Open base 120 V VEBO Emitter-base voltage Open collector 7 V IC Collector current 15 A IB Base current 7 A PT Total power dissipation TC=25 117 W Tj Junction temperature 200 Tstg Storage temperature -65~200 THERMAL CHARACTERISTICS SYMBOL PARAMETER MAX UNIT Rth j-c Thermal resistance from junction to case 1.5 /W Fig.1 simplified outline (TO-3) and symbol |
Similar Part No. - BDY56 |
|
Similar Description - BDY56 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |