Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB84VA2102 Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB84VA2102
Description  16M (x16) FLASH MEMORY & 2M (x 8) STATIC RAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB84VA2102 Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB84VA2102 Datasheet HTML 6Page - Fujitsu Component Limited. MB84VA2102 Datasheet HTML 7Page - Fujitsu Component Limited. MB84VA2102 Datasheet HTML 8Page - Fujitsu Component Limited. MB84VA2102 Datasheet HTML 9Page - Fujitsu Component Limited. MB84VA2102 Datasheet HTML 10Page - Fujitsu Component Limited. MB84VA2102 Datasheet HTML 11Page - Fujitsu Component Limited. MB84VA2102 Datasheet HTML 12Page - Fujitsu Component Limited. MB84VA2102 Datasheet HTML 13Page - Fujitsu Component Limited. MB84VA2102 Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10
MB84VA2102-10/MB84VA2103-10
s ABSOLUTE MAXIMUM RATINGS
Storage Temperature .................................................................................................. –55°C to +125°C
Ambient Temperature with Power Applied .................................................................. –25°C to +85°C
Voltage with Respect to Ground All pins (Note) .......................................................... –0.3 V to VCCf +0.5 V
–0.3 V to VCCs +0.5 V
VCCf/VCCs Supply (Note) .............................................................................................. –0.3 V to +4.6 V
Note: Minimum DC voltage on input or I/O pins are –0.5 V. During voltage transitions, inputs may negative
overshoot VSS to –2.0 V for periods of up to 20 ns. Maximum DC voltage on output and I/O pins are VCCf +0.5
V or VCCs +0.5 V. During voltage transitions, outputs may positive overshoot to VCC +2.0 V for periods of up
to 20 ns.
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s RECOMMENDED OPERATING RANGES
Commercial Devices
Ambient Temperature (TA) .........................................................................–20°C to +85°C
VCCf/VCCs Supply Voltages.........................................................................+2.7 V to +3.6 V
Operating ranges define those limits between which the functionality of the device is guaranteed.
WARNING: Recommended operating conditions are normal operating ranges for the semiconductor device. All
the device’s electrical characteristics are warranted when operated within these ranges.
Always use semiconductor devices within the recommended operating conditions. Operation outside
these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representative beforehand.


Similar Part No. - MB84VA2102

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VA2100 FUJITSU-MB84VA2100 Datasheet
400Kb / 29P
   16M (x 8) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VA2100-10 FUJITSU-MB84VA2100-10 Datasheet
400Kb / 29P
   16M (x 8) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VA2101 FUJITSU-MB84VA2101 Datasheet
400Kb / 29P
   16M (x 8) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VA2101-10 FUJITSU-MB84VA2101-10 Datasheet
400Kb / 29P
   16M (x 8) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VA2104 FUJITSU-MB84VA2104 Datasheet
401Kb / 29P
   16M (x 8) FLASH MEMORY & 1M (x 8) STATIC RAM
More results

Similar Description - MB84VA2102

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VA2100 FUJITSU-MB84VA2100 Datasheet
400Kb / 29P
   16M (x 8) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VA2106 FUJITSU-MB84VA2106 Datasheet
423Kb / 29P
   16M (x16) FLASH MEMORY & 1M (x 8) STATIC RAM
MB84VD2108X FUJITSU-MB84VD2108X Datasheet
850Kb / 55P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
SPANSION
MB84VD2108XEM-70 SPANSION-MB84VD2108XEM-70 Datasheet
859Kb / 53P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VD2208XEA FUJITSU-MB84VD2208XEA Datasheet
1Mb / 61P
   32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
MB84VA2104 FUJITSU-MB84VA2104 Datasheet
401Kb / 29P
   16M (x 8) FLASH MEMORY & 1M (x 8) STATIC RAM
MB84VD2218XEG FUJITSU-MB84VD2218XEG Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD2228 FUJITSU-MB84VD2228 Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 8M (x 8/x16) STATIC RAM
MB84VD2218XEC FUJITSU-MB84VD2218XEC Datasheet
1Mb / 61P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD2228XEA FUJITSU-MB84VD2228XEA Datasheet
1Mb / 63P
   32M (X 8/X16) FLASH MEMORY & 8M (X 8/X16) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com