Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAR-F5CE-906M00-K219-U Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # FAR-F5CE-906M00-K219-U
Description  Piezoelectric SAW BPF (700 to 1700 MHz)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F5CE-906M00-K219-U Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button FAR-F5CE-906M00-K219-U Datasheet HTML 6Page - Fujitsu Component Limited. FAR-F5CE-906M00-K219-U Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F5CE-906M00-K219-U Datasheet HTML 8Page - Fujitsu Component Limited. FAR-F5CE-906M00-K219-U Datasheet HTML 9Page - Fujitsu Component Limited. FAR-F5CE-906M00-K219-U Datasheet HTML 10Page - Fujitsu Component Limited. FAR-F5CE-906M00-K219-U Datasheet HTML 11Page - Fujitsu Component Limited. FAR-F5CE-906M00-K219-U Datasheet HTML 12Page - Fujitsu Component Limited. FAR-F5CE-906M00-K219-U Datasheet HTML 13Page - Fujitsu Component Limited. FAR-F5CE-906M00-K219-U Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
F5/F6 Series (K2 type)
10
13. EGSM (Rx) Low Loss type
Part number : FAR-F5CE-942M50-K288
(Ta
= −30 °C to +85 °C)
Parameter
Conditions
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
925 MHz to 960 MHz
2.0
2.5
dB
Ta
= +25 °C ± 2 °C
2.7
dB
Ta
= −10 °C to +60 °C
3.0
dB
Ta
= −30 °C to +85 °C
Inband ripple
925 MHz to 960 MHz
0.5
1.5
dB
Absolute
attenuation
DC to 905 MHz
17
18
dB
905 MHz to 915 MHz
13
16
dB
Ta
= +25 °C ± 2 °C
8dB
Ta
= −10 °C to +60 °C
5dB
Ta
= −30 °C to +85 °C
980 MHz to 1000 MHz
13
20
dB
1000 MHz to 2000 MHz
20
22
dB
Inband VSWR
(Return loss)
925 MHz to 960 MHz
(6.8)
2.2
(8.5)
2.7
(
)
(dB)


Similar Part No. - FAR-F5CE-906M00-K219-U

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CE-906M00-K219-U FUJITSU-FAR-F5CE-906M00-K219-U Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
More results

Similar Description - FAR-F5CE-906M00-K219-U

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CP FUJITSU-FAR-F5CP Datasheet
230Kb / 18P
   Piezoelectric SAW BPF (700 to 1700MHz)
FAR-F6CE FUJITSU-FAR-F6CE Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9046BC OKI-MBF9046BC Datasheet
145Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com