Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3429 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM3429
Description  LM3429Q1 N-Channel Controller for Constant Current LED Drivers
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3429 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3429_14 Datasheet HTML 3Page - Texas Instruments LM3429_14 Datasheet HTML 4Page - Texas Instruments LM3429_14 Datasheet HTML 5Page - Texas Instruments LM3429_14 Datasheet HTML 6Page - Texas Instruments LM3429_14 Datasheet HTML 7Page - Texas Instruments LM3429_14 Datasheet HTML 8Page - Texas Instruments LM3429_14 Datasheet HTML 9Page - Texas Instruments LM3429_14 Datasheet HTML 10Page - Texas Instruments LM3429_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
ICSH (éA)
1.0
0.8
0.6
0.4
0.2
0.0
0
20
40
60
80
100
DUTY CYCLE (%)
1.0
0.8
0.6
0.4
0.2
0.0
0
20
40
60
80
100
100 Hz
500 Hz
VIN (V)
1.00
0.99
0.98
0.97
0.96
5
10
15
20
25
30
VIN (V)
1.05
1.03
1.01
0.99
0.97
0
16
32
48
64
80
VIN (V)
100
95
90
85
80
10
15
20
25
30
VIN (V)
100
95
90
85
80
75
70
0
16
32
48
64
80
LM3429
www.ti.com
SNVS616F – APRIL 2009 – REVISED JANUARY 2010
Typical Performance Characteristics
TA=+25°C and VIN = 14V unless otherwise specified
Boost Efficiency
Buck-Boost Efficiency
vs.
vs.
Input Voltage
Input Voltage
VO = 32V (9 LEDs)
(1)
VO = 20V (6 LEDs)
(2)
Boost LED Current
Buck-boost LED Current
vs.
vs.
Input Voltage
Input Voltage
VO = 32V (9 LEDs)
(1)
VO = 20V (6 LEDs)
(2)
Analog Dimming
PWM Dimming
VO = 20V (6 LEDs)
(2)
VO = 20V (6 LEDs)
(2)
(1)
The measurements were made using the standard boost evaluation board from AN-1986.
(2)
The measurements were made using the standard buck-boost evaluation board from AN-1985.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3429


Similar Part No. - LM3429_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3429Q1MH/NOPB TI1-LM3429Q1MH/NOPB Datasheet
1Mb / 62P
[Old version datasheet]   N-Channel Controller for Constant Current LED Drivers
LM3429Q1MHX/NOPB TI1-LM3429Q1MHX/NOPB Datasheet
1Mb / 62P
[Old version datasheet]   N-Channel Controller for Constant Current LED Drivers
More results

Similar Description - LM3429_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3429_0908 NSC-LM3429_0908 Datasheet
1Mb / 34P
   N-Channel Controller for Constant Current LED Drivers
logo
Texas Instruments
LM3429 TI1-LM3429 Datasheet
1Mb / 62P
[Old version datasheet]   N-Channel Controller for Constant Current LED Drivers
logo
National Semiconductor ...
LM3429 NSC-LM3429 Datasheet
302Kb / 8P
   N-Channel Controller for Constant Current LED Drivers
LM3421 NSC-LM3421 Datasheet
881Kb / 24P
   N-Channel Controllers for Constant Current LED Drivers
LM3421 NSC-LM3421_09 Datasheet
906Kb / 24P
   N-Channel Controllers for Constant Current LED Drivers
logo
Texas Instruments
LM3421 TI1-LM3421 Datasheet
2Mb / 72P
[Old version datasheet]   N-Channel Controllers for Constant-Current LED Drivers
LM3421 TI1-LM3421_14 Datasheet
1Mb / 65P
[Old version datasheet]   N-Channel Controllers for Constant Current LED Drivers
logo
National Semiconductor ...
LM3421 NSC-LM3421_10 Datasheet
1Mb / 48P
   N-Channel Controllers for Constant Current LED Drivers
logo
Silicon Touch Technolog...
DD231 SITI-DD231 Datasheet
125Kb / 7P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com