Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XDM2510HC Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # XDM2510HC
Description  2.4 GHz Ultra-low Power WirelessHART RF Transceiver Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

XDM2510HC Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  XDM2510HC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. XDM2510HC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. XDM2510HC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. XDM2510HC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. XDM2510HC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. XDM2510HC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. XDM2510HC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. XDM2510HC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. XDM2510HC Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.RFM.com E-mail: info@rfm.com
Technical support +1.800.704.6079
Page 1 of 16
©2010-2011 by RF Monolithics, Inc.
E-mail: tech_sup@rfm.com
XDM2510H - 03/17/11
XDM2510H
2.4 GHz
Ultra-low Power
WirelessHART
RF Transceiver
Module
Product Overview
Based on DUST Networks’ SmartMesh IA-510(H)™ technology, RFM’s
XDM2510H module provides WirelessHART
 compatibility, excellent com-
munications reliability and long battery life in a wide range of industrial auto-
mation applications. The XDM2510H employs dynamic network optimization
and intelligent routing to achieve carrier-class data reliability, low latency, and
deterministic power management. The XDM2510H is tailored for use in bat-
tery, energy savaging and loop powered devices for applications that demand
robust wireless network reliability. The multi-functional interfaces of the
XDM2510H gives it the flexibility to be used in a wide variety of industrial ap-
plications, from process control and data acquisition to energy management.
The XDM2510H requires no embedded programming, greatly reducing the
development time and cost of a wireless sensor network application. The
XDM2510H is certified for unlicensed operation in the USA, Canada and
Europe. The XDM2510H complies with Directive 2002/95/EC (RoHS).
Pb
Key Features
Wireless HART Compliance
Interoperable with WirelessHART devices
Superior Reliability
Robust network reliability in even the most
challenging industrial environments
Frequency hopping provides interference rejec-
tion and minimizes multipath fading
Automatic self-organizing mesh networking
provides built-in network path redundancy
Every XDM2510H acts as both an endpoint
and a router, increasing network reliability
Easy Integration
XDM2510H provides all the module functionality
with no embedded programming or complex
configuration requirements
XDM2510H interfaces are well-designed and
multi-functional
Industrial temperature range -40 to +85 °C
XDM2510HP version for plug-in installation,
XDM2510HC version for solder reflow
Ultra-low Power Consumption
Industry leading 2.4 GHz radio technology is
optimized for battery, energy scavenging or
loop powered operation
Ultra-efficient power usage, enabled through
SmartMesh Intelligent Network management,
delivers over a decade of network operation on
two AA batteries
Automatic network-wide coordination for
efficient power usage
Pre-certified Module
IEEE 802.15.4 compliant module operates in
the 2.4 GHz global license-free band
XDM2510H is pre-certified for operation in the
USA, Canada and Europe
Applications
• Industrial Automation
• Process Control and Data Acquisition
• Machine Health Monitoring
• Structural Integrity Monitoring
• Energy Management


Similar Part No. - XDM2510HC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XDM3730ACBP TI-XDM3730ACBP Datasheet
2Mb / 280P
[Old version datasheet]   Digital Media Processors
XDM3730ACUS TI-XDM3730ACUS Datasheet
2Mb / 268P
[Old version datasheet]   Applications Processor
XDM3730CBC TI-XDM3730CBC Datasheet
2Mb / 268P
[Old version datasheet]   Applications Processor
XDM3730CBP TI-XDM3730CBP Datasheet
2Mb / 280P
[Old version datasheet]   Digital Media Processors
XDM3730CBP TI1-XDM3730CBP Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
More results

Similar Description - XDM2510HC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400_07 Datasheet
862Kb / 83P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400 Datasheet
955Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI1-CC2400_08 Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2500 TI-CC2500_11 Datasheet
2Mb / 96P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2500RGPR TI1-CC2500RGPR Datasheet
2Mb / 99P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
logo
Microchip Technology
ZG2100M MICROCHIP-ZG2100M Datasheet
592Kb / 32P
   2.4 GHz 802.11b Low Power Transceiver Module
2010
logo
Murata Manufacturing Co...
TRC104 MURATA-TRC104 Datasheet
1,023Kb / 33P
   2.4 GHz RF Transceiver
logo
List of Unclassifed Man...
BT2577 ETC-BT2577 Datasheet
311Kb / 4P
   2.4 GHZ RF TRANSCEIVER
logo
RF Monolithics, Inc
TRC104 RFM-TRC104 Datasheet
1,023Kb / 33P
   2.4 GHz RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com