Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC5316 Datasheet(PDF) 9 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GC5316 Datasheet(HTML) 9 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 5Page - Texas Instruments GC5316 Datasheet HTML 6Page - Texas Instruments GC5316 Datasheet HTML 7Page - Texas Instruments GC5316 Datasheet HTML 8Page - Texas Instruments GC5316 Datasheet HTML 9Page - Texas Instruments GC5316 Datasheet HTML 10Page - Texas Instruments GC5316 Datasheet HTML 11Page - Texas Instruments GC5316 Datasheet HTML 12Page - Texas Instruments GC5316 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
9
Table 6. Bus Selection
SELECT VALUE
DATA TAKEN FROM RX_DISTRIBUTION BUS
I Data
Q Data
0
Bus a
Bus a
1
Bus b
Bus b
2
Bus c
Bus c
3
Bus d
Bus d
4
Bus a
Bus b
5
Bus a
Bus c
6
Bus a
Bus d
7
Bus b
Bus a
8
Bus b
Bus c
9
Bus b
Bus d
10
Bus c
Bus a
11
Bus c
Bus b
12
Bus c
Bus d
13
Bus d
Bus a
14
Bus d
Bus b
15
Bus d
Bus c
The receive mixer translates the input from selector to baseband where subsequent filtering is performed to isolate
the signal of interest. The mixer is a complex multiplier that accepts 18-bit I and 18-bit Q signal data from the receive
input interface and 20-bit sine and cosine sequences from the NCO. The NCO generates a mixing frequency
(sometimes referred to as a local oscillator, or LO) specified by the user so that the desired signal of interest is tuned
to 0 Hz. The NCO is discussed in detail in the next section.
A DDC channel can support one UMTS signal directly, or two CDMA channels at half the input rate. When in CDMA
mode each channel may set the path selection, the mixer tuning and phase independently. The mixer output produces
two complex streams; one representing the signal path for the A-side DDC, the other the B-side. Each of these
streams drives a channel delay and zero pad block.
The maximum input rate for UMTS is rxclk for either real or complex input data. The maximum rx_distribution rate
in CDMA mode (real or complex inputs) is rxclk/2. When adcclk/rxclk >
1/2, this is normally accomplished using the
resampler. For unusual cases where adcclk/rxclk = 1 and the resampler is not used, cdma_mode must be zero so
only one signal can be processed in a DDC block, even if it is a CDMA signal.
The mixer gain is:
Gain
+ 2mixer_gain*2
Table 7. Programming
VARIABLE
DESCRIPTION
ddcmux_sel_a(3:0)
Programs the I and Q complex input data routing onto two of the four input ports for stream A of CDMA DDC
ddcmux_sel_b(3:0)
Programs the I and Q complex input data routing onto two of the four input ports for stream B of CDMA DDC
remix_only
Set to 0 for complex input data, or to 1 for real data
ch_rate_sel(1:0)
Informs the DDC of the rx_distribution bus rate (1, 1/2, 1/4, or 1/8 rxclk for settings 0, 1, 2, or 3 respectively.
Note this parameter must be the same in all enabled DDC blocks.
mixer_gain
When asserted adds 6 dB of gain in the mixer. This gain is highly recommended.


Similar Part No. - GC5316

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC5316 TI-GC5316 Datasheet
798Kb / 75P
[Old version datasheet]   HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
GC5316IZED TI-GC5316IZED Datasheet
798Kb / 75P
[Old version datasheet]   HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
More results

Similar Description - GC5316

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC5316 TI-GC5316 Datasheet
798Kb / 75P
[Old version datasheet]   HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
GC5318 TI-GC5318 Datasheet
553Kb / 45P
[Old version datasheet]   HIGH-DENSITY DIGITAL UPCONVERTER
logo
Agilent(Hewlett-Packard...
HPMX-5001 HP-HPMX-5001 Datasheet
171Kb / 15P
   1.5-2.5 GHz Upconverter/ Downconverter
logo
Renesas Technology Corp
F5728 RENESAS-F5728 Datasheet
251Kb / 3P
   mmWave Upconverter/Downconverter 24GHz to 30GHz
logo
Analog Devices
AD9163 AD-AD9163_17 Datasheet
2Mb / 126P
   RF DAC and Digital Upconverter
ADMV1139A AD-ADMV1139A Datasheet
86Kb / 2P
   37 GHz to 50 GHz, 5G, Microwave Upconverter and Downconverter
Rev. Sp0
ADMV1139 AD-ADMV1139 Datasheet
90Kb / 2P
   37 GHz to 48.2 GHz, 5G, Microwave Upconverter and Downconverter
logo
Intersil Corporation
HSP50215 INTERSIL-HSP50215 Datasheet
157Kb / 21P
   Digital UpConverter
logo
Analog Devices
AD9957 AD-AD9957_18 Datasheet
1Mb / 61P
   1 GSPS Quadrature Digital Upconverter
AD9957 AD-AD9957_17 Datasheet
1Mb / 62P
   1 GSPS Quadrature Digital Upconverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com