Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCR010503U Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DCR010503U
Description  Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCR010503U Datasheet(HTML) 1 Page - Texas Instruments

  DCR010503U Datasheet HTML 1Page - Texas Instruments DCR010503U Datasheet HTML 2Page - Texas Instruments DCR010503U Datasheet HTML 3Page - Texas Instruments DCR010503U Datasheet HTML 4Page - Texas Instruments DCR010503U Datasheet HTML 5Page - Texas Instruments DCR010503U Datasheet HTML 6Page - Texas Instruments DCR010503U Datasheet HTML 7Page - Texas Instruments DCR010503U Datasheet HTML 8Page - Texas Instruments DCR010503U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Miniature, 1W Isolated
REGULATED DC/DC CONVERTERS
FEATURES
q UL1950 RECOGNIZED
q DIP-18, SO-28
q 53W/in3 (3.3W/cm3) POWER DENSITY
q DEVICE-TO-DEVICE SYNCHRONIZATION
q THERMAL PROTECTION
q 1000Vrms ISOLATION
q 400kHz SWITCHING
q 125 FITS AT 55
°C
q
±10% INPUT RANGE
q SHORT-CIRCUIT PROTECTED
q 5V, 12V, 24V INPUTS
q 3.3V, 5V OUTPUTS
q HIGH EFFICIENCY
DESCRIPTION
The DCR01 family is a series of high-efficiency, input-
isolated, output-regulated DC/DC converters. In addition to
1W nominal, galvanically-isolated output power capability,
this range of DC/DCs offer very low output noise, thermal
protection, and high accuracy.
The DCR01 family is implemented in standard molded IC
packaging, giving standard JEDEC outlines suitable for
high-volume assembly.
The DCR01 is manufactured using the same technology
as standard IC packages, thereby achieving very high reli-
ability.
APPLICATIONS
q POINT-OF-USE POWER CONVERSION
q DIGITAL INTERFACE POWER
q GROUND LOOP ELIMINATION
q POWER-SUPPLY NOISE REDUCTION
Input
Controller
LDO
Regulator
ENABLE
V
REC
SYNC
V
S
ERROR
V
OUT
0V
IN
0V
OUT
DCR01
DCR01
DCR01
Series
SBVS013C – OCTOBER 2001 – REVISED MAY 2003
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2000-2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - DCR010503U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR010503U BURR-BROWN-DCR010503U Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR010503U BURR-BROWN-DCR010503U Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR010503U TI1-DCR010503U Datasheet
778Kb / 28P
[Old version datasheet]   1-W, 1000-Vrms Isolated, Regulated DC?밆C Converter Modules
logo
Burr-Brown (TI)
DCR010503U/1K BURR-BROWN-DCR010503U/1K Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR010503U/1K TI1-DCR010503U/1K Datasheet
778Kb / 28P
[Old version datasheet]   1-W, 1000-Vrms Isolated, Regulated DC?밆C Converter Modules
More results

Similar Description - DCR010503U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01 Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR01 BURR-BROWN-DCR01_07 Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
C&D Technologies
NMF CANDD-NMF Datasheet
116Kb / 2P
   Isolated 1W Regulated Single Output DC-DC Converters
logo
MicroPower Direct, LLC
D100R MPD-D100R Datasheet
233Kb / 2P
   Tightly Regulated Miniature, 1W SIP DC/DC Converters
logo
Burr-Brown (TI)
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
List of Unclassifed Man...
NMF0505DC ETC2-NMF0505DC Datasheet
450Kb / 4P
   Isolated 1W Regulated Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com