Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCR012403P Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DCR012403P
Description  Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCR012403P Datasheet(HTML) 10 Page - Texas Instruments

Back Button DCR012403P Datasheet HTML 6Page - Texas Instruments DCR012403P Datasheet HTML 7Page - Texas Instruments DCR012403P Datasheet HTML 8Page - Texas Instruments DCR012403P Datasheet HTML 9Page - Texas Instruments DCR012403P Datasheet HTML 10Page - Texas Instruments DCR012403P Datasheet HTML 11Page - Texas Instruments DCR012403P Datasheet HTML 12Page - Texas Instruments DCR012403P Datasheet HTML 13Page - Texas Instruments DCR012403P Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
DCR01 Series
10
SBVS013C
FUNCTIONAL DESCRIPTION
OVERVIEW
The DCR01 series offers isolation from an unregulated
power supply operating from a choice of input voltages. The
DCR01s provide a variety of regulated output voltages at a
nominal output power of 1W or above.
POWER STAGE
The input supply is chopped at a frequency of 400kHz
(internal oscillator divided by 2), which is used to drive the
center-tapped toroidal transformer.
RECTIFICATION
The transformer’s output is full wave rectified and smoothed
by the external capacitor connected to VREC.
REGULATOR
The internal low drop-out regulator provides a well-regu-
lated output voltage, throughout the operating range of the
device.
OSCILLATOR AND WATCHDOG
The DCR01 uses an internal saw-tooth generator to provide
the 800kHz on-board oscillator that is used to drive the
power switching circuit. The operation of the oscillator is
monitored by the watchdog, which will tri-state the output
driver circuit if the oscillator fails, or if the SYNC pin is
taken LOW, (shutdown mode). When the SYNC pin is
returned HIGH, normal operation resumes.
SYNCHRONIZATION
If more than one DCR01 is being used, beat frequencies and
other electrical interference can be generated. This is due to
the small variations in switching frequencies between the
converters.
The DCR01 overcomes this by allowing devices to be
synchronized to one another. Up to eight devices can be
synchronized by connecting the SYNC pins together, with
care being taken to minimize the capacitance of tracking.
Significant stray capacitance on the SYNC pin will have the
effect of reducing the frequency of the internal oscillator. If
this is large, the DCR01 may be taken outside its optimized
operating parameters, and saturation of the magnetics may
result, damaging the device.
If devices are synchronized, it should be noted that all devices
will draw maximum current simultaneously at start up. This
can cause the input voltage to dip. Should it fall below the
minimum input voltage, the devices may not start up. A 2.2
µF
capacitor (low ESR) should be connected as close to the
device input pins as possible for the 5V input devices, and a
0.47
µF capacitor for the 12V and 24V devices.
If more than eight devices are required to be synchronized, it
is recommended that external synchronization be used. Details
are contained in Texas Instruments Application Report
literature number SBAA035 (AB-153) available at www.ti.com.
CONSTRUCTION
The DCR01 is manufactured using the same technology as
standard IC packages. There is no substrate within the
package. The DCR01 is constructed using a driver IC, low-
dropout voltage regulator, rectifier diodes, and a wound
magnetic toroid, all mounted on a leadframe. The DCR01
requires no special PCB assembly processing, as there is no
solder within the package. The result is an isolated DC/DC
converter with inherently high reliability.
ADDITIONAL FUNCTIONS
DISABLE/ENABLE
The DCR01 can be disabled or enabled by driving the SYNC
pin using an open drain CMOS gate. If the SYNC pin is
pulled LOW, the DCR01 will be disabled. The disable time
depends upon the external loading. The internal disable
function is implemented in 2
µs. Removal of the pull down
will enable the DCR01.
Capacitance loading on the SYNC pin should be minimized
in order to prevent a reduction in the internal oscillator‘s
frequency. See Application Report (SBAA035) “External
Synchronization of the DCP01/02 Series of DC/DC Con-
verters”. This document contains information on how to null
the effects of additional capacitance on the SYNC pin. The
oscillator’s frequency can be measured at VREC, as this is the
fundamental frequency of the ripple component.
OUTPUT ENABLE/DISABLE
The regulated output of the DCR01 can be disabled by pulling
the ENABLE pin LOW (connect ENABLE to 0VOUT). Hold-
ing the ENABLE pin HIGH (connect ENABLE to VREC)
enables the regulated output voltage, thus allowing the output
to be controlled from the isolated side, see Figure 1.
DCR
01
V
OUT
V
IN
C
IN
NOTE: (1) 2.2
µF capacitor with low ESR for 5V
devices and 0.47
µF for 12V and 24V devices.
C
OUT = 0.1µF
R
ERR = 10kΩ
R
EN = 10kΩ
C
FILTER = 1µF
V
O1
0V
OUT
0V
ENABLE
V
REC
ERROR
V
S
U1
0V
SYNC
ERROR
SW1
see text
FIGURE 1. DCR01 with a Single Output.


Similar Part No. - DCR012403P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR012403P BURR-BROWN-DCR012403P Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR012403P BURR-BROWN-DCR012403P Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR012403P TI1-DCR012403P Datasheet
778Kb / 28P
[Old version datasheet]   1-W, 1000-Vrms Isolated, Regulated DC?밆C Converter Modules
More results

Similar Description - DCR012403P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01 Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR01 BURR-BROWN-DCR01_07 Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
C&D Technologies
NMF CANDD-NMF Datasheet
116Kb / 2P
   Isolated 1W Regulated Single Output DC-DC Converters
logo
MicroPower Direct, LLC
D100R MPD-D100R Datasheet
233Kb / 2P
   Tightly Regulated Miniature, 1W SIP DC/DC Converters
logo
Burr-Brown (TI)
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
List of Unclassifed Man...
NMF0505DC ETC2-NMF0505DC Datasheet
450Kb / 4P
   Isolated 1W Regulated Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com