Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCR012405P Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DCR012405P
Description  Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCR012405P Datasheet(HTML) 4 Page - Texas Instruments

  DCR012405P Datasheet HTML 1Page - Texas Instruments DCR012405P Datasheet HTML 2Page - Texas Instruments DCR012405P Datasheet HTML 3Page - Texas Instruments DCR012405P Datasheet HTML 4Page - Texas Instruments DCR012405P Datasheet HTML 5Page - Texas Instruments DCR012405P Datasheet HTML 6Page - Texas Instruments DCR012405P Datasheet HTML 7Page - Texas Instruments DCR012405P Datasheet HTML 8Page - Texas Instruments DCR012405P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
DCR01 Series
4
SBVS013C
Supply Current
DCR010503P
IO = 0mA
18
mA
IO = 10mA
28
mA
IO = 300mA
335
mA
DCR010503U
IO = 0mA
24
mA
IO = 10mA
33
mA
IO = 300mA
339
mA
DCR010505P
IO = 0mA
25
mA
IO = 10mA
40
mA
IO = 200mA
306
mA
DCR010505U
IO = 0mA
25
mA
IO = 10mA
40
mA
IO = 200mA
306
mA
DCR011203P
IO = 0mA
13
mA
IO = 10mA
17
mA
IO = 390mA
173
mA
DCR011203U
IO = 0mA
13
mA
IO = 10mA
17
mA
IO = 390mA
136
mA
DCR011205P
IO = 0mA
13
mA
IO = 10mA
18
mA
IO = 200mA
125
mA
DCR011205U
IO = 0mA
14
mA
IO = 10mA
19
mA
IO = 200mA
123
mA
DCR012403P
IO = 0mA
17
mA
IO = 10mA
18
mA
IO = 390mA
97
mA
DCR012403U
IO = 0mA
15
mA
IO = 10mA
17
mA
IO = 390mA
75
mA
DCR012405P
IO = 0mA
15
mA
IO = 10mA
18
mA
IO = 200mA
69
mA
DCR012405U
IO = 0mA
15
mA
IO = 10mA
18
mA
IO = 200mA
67
mA
Reflected Ripple Current
20MHz Bandwidth, 100% Load
8
mAp-p
CIN = 2.2µF, CFILTER = 1µF
ISOLATION
Voltage
1s Flash Test
1
kVrms
60s Test, UL1950(2)
1
kVrms
Input/Output Capacitance
25
pF
OUTPUT ENABLE CONTROL
Logic High Input Voltage
2.0
VREC
V
Logic High Input Current
2.0 < VENABLE < VREC
100
nA
Logic Low Input Voltage
–0.2
0.5
V
Logic Low Input Current
0 < VENABLE < 0.5
100
nA
VREC
All 3.3V Outputs
3.3
V
VREC
All 5V Outputs
5
V
ERROR FLAG
Logic High Open Collector Leakage
VERROR = 5V
10
µA
Logic Low Output Voltage
Sinking 2mA
0.4
V
THERMAL SHUTDOWN
Junction Temperature
Temperature Activated
150
°C
Temperature Deactivated
130
°C
SYNCHRONIZATION PIN
Max External Capacitance on SYNC Pin
3pF
Internal Oscillator Frequency
720
800
880
kHz
External Synchronization Frequency
720
880
kHz
External Synchronization Signal High
2.5
2.5
5.0
V
External Synchronization Signal Low
0
0.4
V
TEMPERATURE RANGE
Operating
–40
+85
°C
NOTES: (1) CIN = 2.2µF, CFILTER = 1µF, COUT = 0.1µF. (2) During UL approval only.
ELECTRICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = nominal, IO = 10mA, CO = 0.1µF, unless otherwise specified.
DCR01 SERIES
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS


Similar Part No. - DCR012405P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR012405P BURR-BROWN-DCR012405P Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR012405P BURR-BROWN-DCR012405P Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR012405P TI1-DCR012405P Datasheet
778Kb / 28P
[Old version datasheet]   1-W, 1000-Vrms Isolated, Regulated DC?밆C Converter Modules
More results

Similar Description - DCR012405P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01 Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR01 BURR-BROWN-DCR01_07 Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
C&D Technologies
NMF CANDD-NMF Datasheet
116Kb / 2P
   Isolated 1W Regulated Single Output DC-DC Converters
logo
MicroPower Direct, LLC
D100R MPD-D100R Datasheet
233Kb / 2P
   Tightly Regulated Miniature, 1W SIP DC/DC Converters
logo
Burr-Brown (TI)
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
List of Unclassifed Man...
NMF0505DC ETC2-NMF0505DC Datasheet
450Kb / 4P
   Isolated 1W Regulated Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com