Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POS-6920 Datasheet(PDF) 2 Page - Protech Systems Co., Ltd.

Part # POS-6920
Description  The Fanless 15" True Flat Touch POS Terminal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

POS-6920 Datasheet(HTML) 2 Page - Protech Systems Co., Ltd.

  POS-6920 Datasheet HTML 1Page - Protech Systems Co., Ltd. POS-6920 Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Fanless 15" True Flat Touch POS Terminal
Front View
POS-6920
www .protech .com .tw
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in Dec. 2012.
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in Dec. 2012.
Side View
CPU Support
Intel® Atom™ D525 CPU
Memory
1 x DDR3 SO-DIMM Slot, Default 1GB (up to 4GB)
Core Logic
Intel® ICH8M
Network
10/100/1000 Base-T Fast Ethernet
Power Supply
72 watt power adapter
System Weight
7 kg
Dimension (W x H x D) 368 x 327 x 238 mm (14.7" x 13.1" x 9.5")
O.S. Support
POSReady2009 / POSReady7 / WINXP / WIN7
HDD
1 x 2.5" SATA HDD
SSD
Optional Half-Slim SSD
USB
4 x USB 2.0 ports / 1 x USB 2.0 on side bezel
Serial Ports
2 x DB-9 (COM 2/3), 1 x RJ45 (COM 1),
+5V/12V selectable
PS/2
1 x PS/2 ports (default at keyboard)
LAN
1 x RJ-45
VGA
1 x DB-15 VGA interface
Cash Drawer
1 x RJ11 (+12V or +24V selectable)(default at +24V)
LCD
15" TFT LCD
Max. Resolution
1024 x 768
Brightness
250 cd/m²
Touch Screen
True Flat 5-wire Analog resistive
Tilt Angle
0 ~ 68 degrees
EMC & Safety
CE / FCC
Operating Temp.
0 ~ 35° C
Storage Temp.
-20 ~ 60° C
Humidity
20 ~ 90%
PA-6151RA-A1B
POS-6920 with ELO True Flat Resistive Touch,
72W Power Adaptor
PA-6151RZ-23A
DDR3 2G / 2.5” HDD
PA-3151RZ-51B
MSR, JIS-I or II, ISO Track1+2+3 (PS/2 interface)
PA-6151RZ-32A
ISO,14443A, Mifare® Class / UrtraLight ,
Mifare® PRO, DESfire, DESfire EV1
PA-6151RZ-33B
Fingerprint(USB interface)
PA-6151RZ-41B
Vacuum Fluorescent Display, 20 columns and 2
lines, each column is 5 x 7 dots
PA-6151RZ-43B
10.4" 2nd Display (800 x 600)
Color
Black
OS
POSReady2009 / POSReady7 / WINXP / WIN7


Similar Part No. - POS-6920

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
POS-6920-PPC PROTECHSYSTEMS-POS-6920-PPC Datasheet
300Kb / 2P
   The Fanless 15" True Flat Touch Panel PC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com