Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE4490 Datasheet(PDF) 11 Page - Texas Instruments

Part # AFE4490
Description  Integrated Analog Front-End for Pulse Oximeters
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE4490 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AFE4490_14 Datasheet HTML 7Page - Texas Instruments AFE4490_14 Datasheet HTML 8Page - Texas Instruments AFE4490_14 Datasheet HTML 9Page - Texas Instruments AFE4490_14 Datasheet HTML 10Page - Texas Instruments AFE4490_14 Datasheet HTML 11Page - Texas Instruments AFE4490_14 Datasheet HTML 12Page - Texas Instruments AFE4490_14 Datasheet HTML 13Page - Texas Instruments AFE4490_14 Datasheet HTML 14Page - Texas Instruments AFE4490_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 96 page
background image
AFE4490
www.ti.com
SBAS602G – DECEMBER 2012 – REVISED JUNE 2014
Electrical Characteristics (continued)
Minimum and maximum specifications are at TA = –40°C to 85°C. Typical specifications are at 25°C.
All specifications are at RX_ANA_SUP = RX_DIG_SUP = 3 V, TX_CTRL_SUP = LED_DRV_SUP = 5 V, stage 2 amplifier
disabled, and fCLK = 8 MHz, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I-V TRANSIMPEDANCE AMPLIFIER
See the Receiver Channel section
G
Gain
RF = 10 kΩ to RF = 1 MΩ
V/µA
for details
Gain accuracy
±7%
10k, 25k, 50k, 100k, 250k,
Feedback resistance
RF
Ω
500k, and 1M
Feedback resistor tolerance
RF
±7%
Feedback capacitance
CF
5, 10, 25, 50, 100, and 250
pF
Feedback capacitor tolerance
CF
±20%
VOD(fs)
Full-scale differential output voltage
1
V
Common-mode voltage on input pins
Set internally
0.9
V
Includes equivalent capacitance of photodiode,
External differential input capacitance
10
1000
pF
cables, EMI filter, and so forth
With a 1-k
Ω series resistor and a 10-nF
VO(shield)
Shield output voltage, VCM
decoupling capacitor to ground, when loaded with
0.8
0.9
1.0
V
a small current (for example, of a few µA or less)
AMBIENT CANCELLATION STAGE
G
Gain
0, 3.5, 6, 9.5, and 12
dB
Current DAC range
0
10
µA
Current DAC step size
1
µA
LOW-PASS FILTER
Low-pass corner frequency
3-dB attenuation
0.5 and 1
kHz
Duty cycle = 25%
0.004
dB
Pass-band attenuation, 2 Hz to 10 Hz
Duty cycle = 10%
0.041
dB
After diagnostics mode with filter corner = 500 Hz
28
ms
Filter settling time
After diagnostics mode with filter corner =
16
ms
1000 Hz
ADC bypass outputs output impedance
RXOUTP and RXOUTN
1
k
Ω
ANALOG-TO-DIGITAL CONVERTER
Resolution
22
Bits
See the ADC Operation and Averaging Module
Sample rate
4 × PRF
SPS
section
ADC full-scale voltage
±1.2
V
See the ADC Operation and Averaging Module
ADC conversion time
50
PRF / 4
µs
section
ADC reset time
2
tCLK
TRANSMITTER
0, 50, 75, 100, 150, and 200
Output current range
(see the LEDCNTRL: LED Control
mA
Register for details)
LED current DAC error
±5%
Output current resolution
8
Bits
0.1-Hz to 20-Hz bandwidth, at 25-mA output
110
dB
current
Transmitter noise dynamic range
0.1-Hz to 20-Hz bandwidth, at 100-mA output
110
dB
current
Minimum sample time of LED1 and LED2
50
µs
pulses
LED_ON = 0
1
µA
LED current DAC leakage current
LED_ON = 1
50
µA
LED current DAC linearity
Percent of full-scale current
0.5%
From zero current to 150 mA
7
µs
Output current settling time
(with resistive load)
From 150 mA to zero current
7
µs
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: AFE4490


Similar Part No. - AFE4490_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4490RHAR TI-AFE4490RHAR Datasheet
1Mb / 70P
[Old version datasheet]   Integrated Analog Front-End for Pulse Oximeters
AFE4490RHAT TI-AFE4490RHAT Datasheet
1Mb / 70P
[Old version datasheet]   Integrated Analog Front-End for Pulse Oximeters
More results

Similar Description - AFE4490_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4490 TI-AFE4490 Datasheet
1Mb / 70P
[Old version datasheet]   Integrated Analog Front-End for Pulse Oximeters
AFE4400 TI-AFE4400 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4400 TI1-AFE4400_15 Datasheet
2Mb / 87P
[Old version datasheet]   AFE4400 Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4403 TI-AFE4403_15 Datasheet
1Mb / 97P
[Old version datasheet]   AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
logo
Analog Devices
AD8452 AD-AD8452 Datasheet
743Kb / 35P
   Precision Integrated Analog Front End, Controller
logo
STMicroelectronics
MTC20154 STMICROELECTRONICS-MTC20154 Datasheet
533Kb / 21P
   INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
logo
Texas Instruments
TLFD500PN TI-TLFD500PN Datasheet
578Kb / 38P
[Old version datasheet]   3.3 V INTEGRATED G.LITE ANALOG FRONT END
TLFD500 TI1-TLFD500 Datasheet
544Kb / 38P
[Old version datasheet]   3.3 V INTEGRATED G.LITE ANALOG FRONT END
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com