Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB84VD2002-10 Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB84VD2002-10
Description  8M (x 8/x 16) FLASH MEMORY & 2M (x 8) STATIC RAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB84VD2002-10 Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB84VD2002-10 Datasheet HTML 7Page - Fujitsu Component Limited. MB84VD2002-10 Datasheet HTML 8Page - Fujitsu Component Limited. MB84VD2002-10 Datasheet HTML 9Page - Fujitsu Component Limited. MB84VD2002-10 Datasheet HTML 10Page - Fujitsu Component Limited. MB84VD2002-10 Datasheet HTML 11Page - Fujitsu Component Limited. MB84VD2002-10 Datasheet HTML 12Page - Fujitsu Component Limited. MB84VD2002-10 Datasheet HTML 13Page - Fujitsu Component Limited. MB84VD2002-10 Datasheet HTML 14Page - Fujitsu Component Limited. MB84VD2002-10 Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
11
MB84VD2002-10/MB84VD2003-10
s DC CHARACTERISTICS
* : VCC indicate lower of VCCf or VCCs
** :During standby mode with CE1s = VCCS – 0.2 V, CE2s should be CE2s < 0.2V or CE2s > VCCS – 0.2V
*** :Embeded Algorithm (program or erase) is in progress. (@5 MHz)
Parameter
Symbol
Parameter Description
Test Conditions
Min.
Typ.
Max.
Unit
ILI
Input Leakage Current
–1.0
+1.0
µA
ILO
Output Leakage Current
–1.0
+1.0
µA
ICC1f
Flash VCC Active Current
(Read)
VCCf = VCC Max.,
CEf = VIL
OE = VIH
Byte
tCYCLE = 10 MHz
——
18
mA
Word
20
Byte
tCYCLE = 5 MHz
——
8
Word
10
ICC2f
Flash VCC Active Current
(Program/Erase)
VCCf = VCC Max., CEf = VIL, OE = VIH
——
35
mA
ICC3f***
Flash VCC Active Current
(Read-While-Program)
CE = VIL, OE = VIH
Byte
45
mA
Word
45
ICC4f***
Flash VCC Active Current
(Read-While-Erase)
CE = VIL, OE = VIH
Byte
45
mA
Word
45
ICC5f
Flash VCC Active Current
(Erase-Suspend-
Program)
CE = VIL, OE = VIH
——
35
mA
ICC1s
SRAM VCC Active
Current
VCCs = VCC Max.,
CE1s = VIL, CE2s = VIH
tCYCLE =10 MHz
40
mA
tCYCLE = 1 MHz
12
mA
ICC2s
SRAM VCC Active
Current
CE1s = 0.2 V,
CE2s = VCCs – 0.2 V,
WE = VCCs – 0.2 V
tCYCLE = 10 MHz
35
mA
tCYCLE = 1 MHz
6
mA
ISB1f
Flash VCC Standby
Current
VCCf = VCC Max., CEf = VCCf ± 0.3 V
RESET = VCCf ± 0.3 V
——
5
µA
ISB2f
Flash VCC Standby
Current (RESET)
VCCf = VCC Max., RESET = VSS ± 0.3 V
5
µA
ISB1s
SRAM VCC Standby
Current
CE1s = VIH or CE2s = VIL
——
2
mA
ISB2s**
SRAM VCC Standby
Current
CE1s = VCC –0.2
V or CE2s = 0.2 V
VCCs
= 3.0
V
±10%
TA = 25°C
1
2.5
µA
TA = –20 to
+85°C
——
55
µA
VCCs
= 3.3
V
±0.3
V
TA = 25°C
1.5
3
µA
TA = –20 to
+85°C
——
60
µA
VCCs
= 3.0
V
TA = 25°C
1
2
µA
TA = –20 to
+40°C
——
5
µA
TA = –20 to
+85°C
——
50
µA
VIL
Input Low Level
–0.3
0.6
V
VIH
Input High Level
2.2
VCC+0.3*
V
VOL
Output Low Voltage
Level
IOL = 2.1 mA,
VCCf = VCCs = VCC Min.
——
0.4
V
VOH
Output High Voltage
Level
IOH = –500
µA,
VCCf = VCCs = VCC Min.
VCC – 0.5
——
V
VLKO
Flash Low VCC Lock-Out
Voltage
—2.3
2.5
V


Similar Part No. - MB84VD2002-10

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VD2008 FUJITSU-MB84VD2008 Datasheet
393Kb / 30P
   8M (x 16) FLASH MEMORY & 2M (x 16) STATIC RAM
MB84VD2008-10 FUJITSU-MB84VD2008-10 Datasheet
393Kb / 30P
   8M (x 16) FLASH MEMORY & 2M (x 16) STATIC RAM
MB84VD2009 FUJITSU-MB84VD2009 Datasheet
393Kb / 30P
   8M (x 16) FLASH MEMORY & 2M (x 16) STATIC RAM
MB84VD2009-10 FUJITSU-MB84VD2009-10 Datasheet
393Kb / 30P
   8M (x 16) FLASH MEMORY & 2M (x 16) STATIC RAM
More results

Similar Description - MB84VD2002-10

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VA2002 FUJITSU-MB84VA2002 Datasheet
393Kb / 29P
   8M (x 8/x 16) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VA2000 FUJITSU-MB84VA2000 Datasheet
348Kb / 29P
   8M (X 8) FLASH MEMORY & 2M (X 8) STATIC RAM
MB84VA2006 FUJITSU-MB84VA2006 Datasheet
393Kb / 29P
   8M (x 8/x 16) FLASH MEMORY & 1M (x 8) STATIC RAM
MB84VD2008 FUJITSU-MB84VD2008 Datasheet
393Kb / 30P
   8M (x 16) FLASH MEMORY & 2M (x 16) STATIC RAM
MB84VA2004 FUJITSU-MB84VA2004 Datasheet
349Kb / 29P
   8M (x 8) FLASH MEMORY & 1M (x 8) STATIC RAM
MB84VB2000 FUJITSU-MB84VB2000 Datasheet
314Kb / 28P
   8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
MB84VA2100 FUJITSU-MB84VA2100 Datasheet
400Kb / 29P
   16M (x 8) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VD2228 FUJITSU-MB84VD2228 Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 8M (x 8/x16) STATIC RAM
MB84VD2228XEA FUJITSU-MB84VD2228XEA Datasheet
1Mb / 63P
   32M (X 8/X16) FLASH MEMORY & 8M (X 8/X16) STATIC RAM
MB84VD2118XA FUJITSU-MB84VD2118XA Datasheet
907Kb / 55P
   16M ( x 8/ x 16) FLASH MEMORY & 4M ( x 8/ x 16) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com