Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB84VD21191 Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB84VD21191
Description  16M ( x 8/ x 16) FLASH MEMORY & 4M ( x 8/ x 16) STATIC RAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB84VD21191 Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB84VD21191 Datasheet HTML 3Page - Fujitsu Component Limited. MB84VD21191 Datasheet HTML 4Page - Fujitsu Component Limited. MB84VD21191 Datasheet HTML 5Page - Fujitsu Component Limited. MB84VD21191 Datasheet HTML 6Page - Fujitsu Component Limited. MB84VD21191 Datasheet HTML 7Page - Fujitsu Component Limited. MB84VD21191 Datasheet HTML 8Page - Fujitsu Component Limited. MB84VD21191 Datasheet HTML 9Page - Fujitsu Component Limited. MB84VD21191 Datasheet HTML 10Page - Fujitsu Component Limited. MB84VD21191 Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
MB84VD2118XA-85/MB84VD2119XA-85
7
s
s
s
s DEVICE BUS OPERATIONS
Table 2.1 User Bus Operations (Flash
= Word mode; CIOf = VCCf, SRAM = Word mode; CIOs = VCCs)
Legend: L
= VIL, H = VIH, X = VIL or VIH. See “ELECTRICAL CHARACTERISTICS 1. DC Characteristics” for
voltage levels.
Notes : 1. Other operations except for indicated this column are inhibited.
2. WE can be VIL if OE is VIL, OE at VIH initiates the write operations.
3. Do not apply CEf
= VIL, CE1s = VIL and CE2s = VIH at a time.
4. It is also used for the extended sector group protections.
5. WP/ACC
= VIL ; protection of boot sectors.
WP/ACC
= VIH ; removal of boot sectors protection.
WP/ACC
= VACC (9V) ; Program time will reduce by 40%.
6. SA ; Don’t care or Open.
Operation
(Note 1, 3)
CEfCE1sCE2s OE
WE
SA
(Note 6)
LBsUBs
DQ0 to
DQ7
DQ8 to
DQ15
RESET
WP/
ACC
(Note 5)
Full Standby
H
HX
X
X
X
X
X
HIGH-Z
HIGH-Z
H
X
XL
Output Disable
HL
H
H
H
X
X
X
HIGH-Z
HIGH-Z
HX
X
X
X
H
H
HIGH-Z
HIGH-Z
L
HX
H
H
X
X
X
HIGH-Z
HIGH-Z
XL
Read from Flash
(Note 2)
L
HX
LH
X
X
X
DOUT
DOUT
HX
XL
Write to Flash
L
HX
HL
X
X
X
DIN
DIN
HX
XL
Read from SRAM
H
L
H
L
H
X
LL
DOUT
DOUT
HX
HL
HIGH-Z
DOUT
LH
DOUT
HIGH-Z
Write to SRAM
H
L
H
X
L
X
LL
DIN
DIN
HX
HL
HIGH-Z
DIN
LH
DIN
HIGH-Z
Temporary Sector
Group
Unprotection
(Note 4)
X
X
X
X
XXX
X
X
X
VID
X
Flash Hardware
Reset
X
HX
X
X
X
X
X
HIGH-Z
HIGH-Z
L
X
XL
Boot Block Sector
Write Protection
X
X
X
X
XXX
X
X
X
X
L


Similar Part No. - MB84VD21191

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD21191EM-70PBS SPANSION-MB84VD21191EM-70PBS Datasheet
872Kb / 52P
   Stacked MCP (Multi-Chip Package) FLASH MEMORY & SRAM CMOS
More results

Similar Description - MB84VD21191

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VA2104 FUJITSU-MB84VA2104 Datasheet
401Kb / 29P
   16M (x 8) FLASH MEMORY & 1M (x 8) STATIC RAM
MB84VA2100 FUJITSU-MB84VA2100 Datasheet
400Kb / 29P
   16M (x 8) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VD2002 FUJITSU-MB84VD2002 Datasheet
423Kb / 30P
   8M (x 8/x 16) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VA2006 FUJITSU-MB84VA2006 Datasheet
393Kb / 29P
   8M (x 8/x 16) FLASH MEMORY & 1M (x 8) STATIC RAM
MB84VA2002 FUJITSU-MB84VA2002 Datasheet
393Kb / 29P
   8M (x 8/x 16) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VB2000 FUJITSU-MB84VB2000 Datasheet
314Kb / 28P
   8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
MB84VD2218XEG FUJITSU-MB84VD2218XEG Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD2218XEC FUJITSU-MB84VD2218XEC Datasheet
1Mb / 61P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
logo
Winbond
W28V400B WINBOND-W28V400B Datasheet
1Mb / 48P
   4M(512K x 8/256K x 16) SMARTVOLTAGE FLASH MEMORY
logo
Fujitsu Component Limit...
MB84VD2008 FUJITSU-MB84VD2008 Datasheet
393Kb / 30P
   8M (x 16) FLASH MEMORY & 2M (x 16) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com