Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR1206 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CR1206
Description  CR0603/CR0805/CR1206 - Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CR1206 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CR1206 Datasheet HTML 1Page - Bourns Electronic Solutions CR1206 Datasheet HTML 2Page - Bourns Electronic Solutions CR1206 Datasheet HTML 3Page - Bourns Electronic Solutions CR1206 Datasheet HTML 4Page - Bourns Electronic Solutions CR1206 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CR0603/CR0805/CR1206 - Chip Resistors
Performance Characteristics
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Test
Procedure
Method
Specification
Test Limits
ΔR
1 %
5 %
DC Resistance
--
MIL-STD-202 303
EIA RS-396 4.4
MIL-R-55342D 4.7.2
≤±1 %
≤±5.0 %
Low Temperature
Operation
-55 °C, 1 hour “OFF”;
45 minutes "ON"
MIL-R-55342D 4.7.4
EIA RS-396 4.6
MIL-R-55342D 4.7.4
≤±(0.5 % + 0.05 Ω)
≤±(1.0 % + 0.05 Ω)
Short time
Overload
Rated Voltage x 2.5,
5 seconds:
CR0603: 100 V max.
CR0805: 300 V max.
CR1206: 400 V max.
MIL-R-55342D 4.7.5
EIA RS-396 4.7
MIL-R-55342D 4.7.5
≤±(1 % + 0.05 Ω)
≤±(2 % + 0.05 Ω)
High Temperature
Exposure
+125 °C, 1000 hours
MIL-R-55342D 4.7.6
EIA RS-396 4.8
MIL-R-55342D 4.7.6
≤±(1.0 % + 0.05 Ω)
≤+(2.0 % + 0.1 Ω)
Resistance to
Solder Heat
260 °C, 10 seconds
MIL-R-55342D 4.7.7
MIL-R-55342D 4.7.7
≤±(0.5 % + 0.05 Ω)
≤±(1.0 % + 0.05 Ω)
Moisture Resis-
tance
90-98 % RH, 10 cycles
MIL-STD-202 106D
EIA RS-396 4.9
MIL-R-55342D 4.7.8
≤±(0.5 % + 0.05 Ω)
≤±(2.0 % + 0.05 Ω)
Load Life
+70 °C; 1.5 hours “ON”,
0.5 hours “OFF”; 1000 hours
MIL-STD-202 108
Condition D
EIA RS-396 4.12
MIL-R-55342D 4.7.10
≤±(1.0 % + 0.05 Ω)
≤±(3.0 % + 0.1Ω)
Solderability
+235 °C; 3 seconds
MIL-STD-202 208
EIA RS-396 4.11
MIL-R-55342D 4.7.11
≥95 % of area covered
Terminal Strength
Pull Test
MIL-R-55342D 4.7.12
MIL-R-55342D 4.7.12
≥500 g
Current Noise
Quan-Tech Model 315B
MIL-STD-202 308
MIL-R-55342D 6.6
R≤1 kW; 1 mV/V max.
R≤10 kW; 3 mV/V max.
R≤100 kW; 6 mV/V max.
R≤1 MW; 10 mV/V max.
Humidity, Steady
State
+40 °C; 90-95 % RH,
1344 hours
MIL-STD-202 103B
Condition D
--
≤±(2.5 % + 0.05 Ω)
≤±(2.5 % + 0.05 Ω
Salt Spray
96 hours
MIL-STD-202 101D
Condition A
--
≤±(1.0 % + 0.2 Ω)
≤±(1.0 % + 0.1 Ω
Vibration
10-2000 Hz, 6 hours
MIL-STD-202 201A
--
≤±(0.5 % + 0.1 Ω)
≤±(1.0 % + 0.1 Ω
Voltage Coefficient
--
MIL-STD-202 309
--
≤100 ppm/V
Insulation Resis-
tance
Test potential: 500V
CR0603: 100 V
MIL-STD-202 302
Condition B
--
≥1 GΩ
Dielectric With-
standing Voltage
--
MIL-STD-202 301
--
CR0805, CR1206: ≥500 V
CR0603: ≥300 V
Drop Test
1 m
MIL-STD-202 203B
--
≤±(0.5 % + 0.1 Ω)
≤±(1 % + 0.1 Ω
Bending Test
5 mm/90 mm, 10 seconds
--
--
≤±(1 % + 0.05 Ω)
≤±(1 % + 0.05 Ω)
Thermal Shock
-55 °C for 30 minutes,
+155 °C for 30 minutes,
5 cycles
IEC 60115-1-4.19
--
≤±(0.5% + 0.05 Ω)
≤±(1 % + 0.05 Ω)
Resistance to Dry
Heat
125 ±5 °C for 96 ±4 hours
IEC 60115-1-4.23.2
--
≤±(1 % + 0.05 Ω)
≤±(2 % + 0.1 Ω)


Similar Part No. - CR1206

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR1206 ETC1-CR1206 Datasheet
168Kb / 4P
   TAD THICK FILM CHIP RESISTORS
logo
Bourns Electronic Solut...
CR1206 BOURNS-CR1206 Datasheet
260Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
logo
Welwyn Components Limit...
CR1206 WELWYN-CR1206 Datasheet
165Kb / 3P
   Surface Mounted Resistors
logo
Bourns Electronic Solut...
CR1206 BOURNS-CR1206 Datasheet
354Kb / 5P
   Chip Resistors
CR1206 BOURNS-CR1206 Datasheet
218Kb / 5P
   Three layer contacting process with nickel barrier prevents leaching and provides excellent solderability
More results

Similar Description - CR1206

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR0805-FX-4751ELF BOURNS-CR0805-FX-4751ELF Datasheet
260Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CHPREZTR BOURNS-CHPREZTR Datasheet
218Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0805-FX-3300ELF BOURNS-CR0805-FX-3300ELF Datasheet
260Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0603-JW-103E BOURNS-CR0603-JW-103E Datasheet
180Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0805-FX-2001ELF BOURNS-CR0805-FX-2001ELF Datasheet
260Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR1206-FX-1500ELF BOURNS-CR1206-FX-1500ELF Datasheet
218Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0805-JW-103ELF BOURNS-CR0805-JW-103ELF Datasheet
218Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0603-121ELF BOURNS-CR0603-121ELF Datasheet
259Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0805-FX-8200GLF BOURNS-CR0805-FX-8200GLF Datasheet
260Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR1206-FX-1501ELF BOURNS-CR1206-FX-1501ELF Datasheet
260Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com