Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

203154 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 203154
Description  MOD JACK - MJIM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

203154 Datasheet(HTML) 1 Page - ERNI Electronics

  203154 Datasheet HTML 1Page - ERNI Electronics 203154 Datasheet HTML 2Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-
-
8P8C, 1X2, INTEGRATED MAGNETICS
MAXMJ
203154
MOD JACK - MJIM
2:1
-
-
EMPFOHLENER FUER LEITERPLATTE - BESTUCKUNGSSEITE
1
1
ALL TOLERANCES
±0.05 UNLESS NOTED
RECOMMENDED PCB LAYOUT - COMPONENT SIDE VIEW
8
8
8
1
1
8
13.97 [.550]
31.12 [1.225]
2.73 [.107]
2.54 [.100]
1.27 [.050]
12.70 [.500]
10.16 [.400]
24.13 [.950]
˚0.89
±.07 [
˚.035
±.003] X16
2.73 [.107]
˚3.25
±0.07 [
˚.128
±.003] X2
25.40 [1.000]
˚1.60
±0.07 [
˚.063
±.003] X3
25.40
±0.13 [1.000±.005]
10.89 [.429]
NOTE 2: PANEL GROUND FLANGES BOTH SIDES, BOTTOM AND TOP (GF5)
NOTE 1. ONE REAR SHIELD TAB CENTERED
HOUSING: GLASS FILLED POLYESTER UL 94 V-0 BLACK
CURRENT/VOLTAGE: 150 Vac AT 1.5 AMPS MAX AT 25˚C
DIELECTRIC WITHSTANDING VOLTAGE: 1000 Vrms MIN, 60Hz
INSULATION RESISTANCE: 500 MEGAOHMS MIN
CONTACT RESISTANCE: 30 MILLIOHMS MAX
OPERATING TERMPERATURE: 0˚C TO 70˚C
TERMINAL FINISH: Sn
CONTACT FINISH: Au, 0.8
µm [30µin]
SHIELDING: Cu ALLOY, PLATED WITH Ni
CONTACTS: PHOSPHOR BRONZE
MECHANICAL CHARACTERISTICS
DURABILITY: 1000 MATING CYCLES
ELECTRICAL CHARACTERISTICS
MATERIALS AND FINISH
Date
Rev.
in mm
ERNI Components
CHESTER, VA U.S.A.
Group/Type
[in]
I
Scale
Designation
Tolerances
All rights reserved.
Only for information.
To insure that this is the latest
version of this drawing, please
contact one of the ERNI companies
before using.
Subject to modification without
prior notice.
Drawing will not be updated.
Information:
All Dimensions


Similar Part No. - 203154

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
203150 ERNI-203150 Datasheet
33Kb / 1P
   MOD JACK - MJIM
203153 ERNI-203153 Datasheet
42Kb / 2P
   MOD JACK - MJIM
logo
TE Connectivity Ltd
2031532-1 TEC-2031532-1 Datasheet
315Kb / 5P
   This instruction sheet provides application instructions, maintenance, and inspection procedures for PIDG STRATO-THERM
logo
ERNI Electronics
203156 ERNI-203156 Datasheet
44Kb / 2P
   MOD JACK - MJIM
203157 ERNI-203157 Datasheet
48Kb / 2P
   MOD JACK - MJIM
More results

Similar Description - 203154

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
133723 ERNI-133723 Datasheet
41Kb / 1P
   MOD JACK - MJIM
133883 ERNI-133883 Datasheet
47Kb / 2P
   MOD JACK - MJIM
203317 ERNI-203317 Datasheet
48Kb / 2P
   MOD JACK - MJIM
203150 ERNI-203150 Datasheet
33Kb / 1P
   MOD JACK - MJIM
203158 ERNI-203158 Datasheet
52Kb / 2P
   MOD JACK - MJIM
203185 ERNI-203185 Datasheet
59Kb / 2P
   MOD JACK - MJIM
203506 ERNI-203506 Datasheet
43Kb / 1P
   MOD JACK - MJIM
203153 ERNI-203153 Datasheet
42Kb / 2P
   MOD JACK - MJIM
203184 ERNI-203184 Datasheet
46Kb / 1P
   MOD JACK - MJIM
203189 ERNI-203189 Datasheet
40Kb / 1P
   MOD JACK - MJIM
203191 ERNI-203191 Datasheet
48Kb / 2P
   MOD JACK - MJIM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com