Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR21844S Datasheet(PDF) 10 Page - International Rectifier

Part # IR21844S
Description  HALF-BRIDGE DRIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21844S Datasheet(HTML) 10 Page - International Rectifier

Back Button IR21844S Datasheet HTML 6Page - International Rectifier IR21844S Datasheet HTML 7Page - International Rectifier IR21844S Datasheet HTML 8Page - International Rectifier IR21844S Datasheet HTML 9Page - International Rectifier IR21844S Datasheet HTML 10Page - International Rectifier IR21844S Datasheet HTML 11Page - International Rectifier IR21844S Datasheet HTML 12Page - International Rectifier IR21844S Datasheet HTML 13Page - International Rectifier IR21844S Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
IR2184(4)(S)&(PbF)
10
www.irf.com
0
1
2
3
4
5
6
7
0
50
100
150
200
R
DT (KΗ)
Figure 9C. Deadtime vs. R
DT
Typ.
Max.
Min.
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125
Temperature (oC)
Min.
Figure 10A. Logic "1" Input Voltage
vs. Temperature
0
1
2
3
4
5
6
10
12
14
16
18
20
Supply Voltage (V)
Figure 10B. Logic "1" Input Voltage
vs. Supply Voltage
Min.
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125
Temperature (oC)
Max.
Figure 11A. Logic "0" Input Voltage
vs. Temperature


Similar Part No. - IR21844S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21844S IRF-IR21844S Datasheet
181Kb / 8P
   HALF-BRIDGE DRIVER
IR21844S IRF-IR21844S Datasheet
298Kb / 24P
   Gate drive supply range from 10 to 20V
logo
Infineon Technologies A...
IR21844S INFINEON-IR21844S Datasheet
375Kb / 24P
   HALF-BRIDGE DRIVER
Data Sheet No. PD60174 revG
logo
International Rectifier
IR21844SPBF IRF-IR21844SPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR21844STRPBF IRF-IR21844STRPBF Datasheet
298Kb / 24P
   Gate drive supply range from 10 to 20V
More results

Similar Description - IR21844S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com