Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB86606APMT2 Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB86606APMT2
Description  FAST-20 SCSI Protocol Controller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB86606APMT2 Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB86606APMT2 Datasheet HTML 6Page - Fujitsu Component Limited. MB86606APMT2 Datasheet HTML 7Page - Fujitsu Component Limited. MB86606APMT2 Datasheet HTML 8Page - Fujitsu Component Limited. MB86606APMT2 Datasheet HTML 9Page - Fujitsu Component Limited. MB86606APMT2 Datasheet HTML 10Page - Fujitsu Component Limited. MB86606APMT2 Datasheet HTML 11Page - Fujitsu Component Limited. MB86606APMT2 Datasheet HTML 12Page - Fujitsu Component Limited. MB86606APMT2 Datasheet HTML 13Page - Fujitsu Component Limited. MB86606APMT2 Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
10
MB86606A
2. 16-Bit Bus Mode-MPU Interface
Pin no.
Pin name
I/O
Function
48
CS0
I
This is used to input signals for the MPU to select the SPC
as the I/O device.
47
CS1
I
This is used to input select signals (external circuit select
signals) for the MPU to input and output the DMA data bus
data via the SPC.
19, 20, 22 to 24, 26 to 28
17
D15 to D8
UDP
I/O
Upper byte and parity of data bus
When CS0 input valid: I/O ports for internal registers in SPC
When CS1 input valid: I/O ports for DMA bus data
29, 32 to 34, 36 to 39
41
D7 to D0
LDP
I/O
Lower byte and parity of data bus
When CS0 input valid: I/O ports for internal registers in SPC
When CS1 input valid: I/O ports for DMA bus data
51, 52, 55 to 57
A4 to A0
IU
These are used to input addresses for selecting the Internal
registers.
46
RD (R/W)I
In 80-series mode: This is used to input the read strobe
signal for reading data from the SPC to
the MPU.
In 68-series mode: This is used to input the R/W control
signal for reading and writing data from
the MPU to the SPC.
44
WR (LDS)I
In 80-series mode: This is used to input the write strobe
signal for writing data from the MPU to
the SPC.
In 68-series mode: This is used to input the LDS signal
output by the MPU when the lower byte
of the data bus is valid.
42
BHE (UDS)I
In 80-series mode: This is used to input the BHE signal
output by the MPU when the upper byte
of the data bus is valid.
In 68-series mode: This is used to input the UDS signal
output by the MPU when the upper byte
of the data bus is valid.


Similar Part No. - MB86606APMT2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB86604 FUJITSU-MB86604 Datasheet
1Mb / 56P
   SCSI-II Protocol Controller (with single-ended driver/receiver)
MB86604L FUJITSU-MB86604L Datasheet
1Mb / 56P
   SCSI-II Protocol Controller (with single-ended driver/receiver)
MB86604LPFV FUJITSU-MB86604LPFV Datasheet
1Mb / 56P
   SCSI-II Protocol Controller (with single-ended driver/receiver)
More results

Similar Description - MB86606APMT2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1185CQ SONY-CXD1185CQ Datasheet
360Kb / 35P
   SCSI 1 Protocol Controller
logo
Sanyo Semicon Device
LC8945 SANYO-LC8945 Datasheet
175Kb / 7P
   SCSI (Small Computer System Interface) Protocol Controller
logo
Fujitsu Component Limit...
MB86604L FUJITSU-MB86604L Datasheet
1Mb / 56P
   SCSI-II Protocol Controller (with single-ended driver/receiver)
logo
STMicroelectronics
AIC-43C97 STMICROELECTRONICS-AIC-43C97 Datasheet
146Kb / 5P
   Automated, High-performance, Integrated, SCSI Protocol Controller designed for SCSI-2/SCSI-3 embedded peripheral applications
logo
List of Unclassifed Man...
LSI53C896 ETC1-LSI53C896 Datasheet
294Kb / 4P
   ULTRA2 SCSI CONTROLLER
logo
Advanced Micro Devices
AM5380 AMD-AM5380 Datasheet
1Mb / 28P
   SCSI Interface Controller
logo
List of Unclassifed Man...
LSI53C1000R ETC2-LSI53C1000R Datasheet
280Kb / 4P
   ULTRA160 SCSI CONTROLLER
logo
Texas Instruments
SN75C091A TI1-SN75C091A Datasheet
591Kb / 106P
[Old version datasheet]   SCSI Bus Controller
logo
Shenzhen Huazhimei Semi...
HM6601Q HMSEMI-HM6601Q Datasheet
301Kb / 9P
   USB Charging Port Controller for Fast Charging Protocol
logo
List of Unclassifed Man...
FAS209 ETC1-FAS209 Datasheet
37Kb / 8P
   Fast Architecture SCSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com