Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB84VD21082-85-PTS Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB84VD21082-85-PTS
Description  16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB84VD21082-85-PTS Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB84VD21082-85-PTS Datasheet HTML 1Page - Fujitsu Component Limited. MB84VD21082-85-PTS Datasheet HTML 2Page - Fujitsu Component Limited. MB84VD21082-85-PTS Datasheet HTML 3Page - Fujitsu Component Limited. MB84VD21082-85-PTS Datasheet HTML 4Page - Fujitsu Component Limited. MB84VD21082-85-PTS Datasheet HTML 5Page - Fujitsu Component Limited. MB84VD21082-85-PTS Datasheet HTML 6Page - Fujitsu Component Limited. MB84VD21082-85-PTS Datasheet HTML 7Page - Fujitsu Component Limited. MB84VD21082-85-PTS Datasheet HTML 8Page - Fujitsu Component Limited. MB84VD21082-85-PTS Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
MB84VD2108X-85/MB84VD2109X-85
2
(Continued)
1.
FLASH MEMORY
• Simultaneous Read/Write operations (dual bank)
Miltiple devices available with different bank sizes
Host system can program or erase in one bank, then immediately and simultaneously read from the other bank
Zero latency between read and write operations
Read-while-erase
Read-while-program
• Minimum 100,000 write/erase cycles
• Sector erase architecture
Eight 4 K words and thirty one 32 K words.
Any combination of sectors can be concurrently erased. Also supports full chip erase.
• Boot Code Sector Architecture
MB84VD2108X : Top sector
MB84VD2109X : Bottom sector
• Embedded EraseTM* Algorithms
Automatically pre-programs and erases the chip or any sector
• Embedded ProgramTM* Algorithms
Automatically writes and verifies data at specified address
• Data Polling and Toggle Bit feature for detection of program or erase cycle completion
• Ready-Busy output (RY/BY)
Hardware method for detection of program or erase cycle completion
• Automatic sleep mode
When addresses remain stable, automatically switch themselves to low power mode.
• Low VCCf write inhibit
≤ 2.5 V
• Hidden ROM (Hi-ROM) region
64K byte of Hi-ROM, accessible through a new “Hi-ROM Enable” command sequence
Factory serialized and protected to provide a secure electronic serial number (ESN)
• WP/ACC input pin
At VIL, allows protection of boot sectors, regardless of sector protection/unprotection status
(MB84VD2108X : SA37, SA38 MB84VD2109X : SA0, SA1)
At VIH, allows removal of boot sector protection
At VACC, program time will reduse by 40%.
• Erase Suspend/Resume
Suspends the erase operation to allow a read in another sector within the same device
• Please refer to “MBM29DL16XTD/BD” data sheet in detailed function
2.
SRAM
• Power dissipation
Operating: 50 mA max.
Standby: 7
µA max.
• Power down features using CE1s and CE2s
• Data retention supply voltage : 1.5 V to 3.6 V
• CE1s and CE2s Chip Select
• Byte data control : LBs (DQ0 to DQ7) , UBs (DQ8 to DQ15)
* : Embedded EraseTM and Embedded ProgramTM are trademarks of Advanced Micro Devices, Inc.


Similar Part No. - MB84VD21082-85-PTS

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD21082EM-70PBS SPANSION-MB84VD21082EM-70PBS Datasheet
859Kb / 53P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
More results

Similar Description - MB84VD21082-85-PTS

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD2108XEM-70 SPANSION-MB84VD2108XEM-70 Datasheet
859Kb / 53P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VD23280EA FUJITSU-MB84VD23280EA Datasheet
771Kb / 45P
   64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
logo
SPANSION
MB84VD23280FA SPANSION-MB84VD23280FA Datasheet
792Kb / 49P
   64M (X8/X16) FLASH MEMORY & 8M (X8/X16) STATIC RAM
logo
Sharp Corporation
LH28F160BJE-TTL90 SHARP-LH28F160BJE-TTL90 Datasheet
534Kb / 46P
   16M (x8/x16) Flash Memory
LH28F160BHE-TTL90 SHARP-LH28F160BHE-TTL90 Datasheet
672Kb / 46P
   16M (x8/x16) Flash Memory
logo
Fujitsu Component Limit...
MB84VA2102 FUJITSU-MB84VA2102 Datasheet
422Kb / 29P
   16M (x16) FLASH MEMORY & 2M (x 8) STATIC RAM
logo
Sharp Corporation
LH28F800BJHE-PBTL90 SHARP-LH28F800BJHE-PBTL90 Datasheet
682Kb / 47P
   8M (x8/x16) Flash Memory
logo
Samsung semiconductor
K8D1716UTB SAMSUNG-K8D1716UTB Datasheet
482Kb / 40P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UTC SAMSUNG-K8D1716UTC Datasheet
1Mb / 41P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
logo
Sharp Corporation
LH28F800BJB-PTTL90 SHARP-LH28F800BJB-PTTL90 Datasheet
683Kb / 47P
   8M (x8/x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com