Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6341CCRZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6341CCRZ
Description  5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6341CCRZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6341CCRZ Datasheet HTML 1Page - Intersil Corporation ISL6341CCRZ Datasheet HTML 2Page - Intersil Corporation ISL6341CCRZ Datasheet HTML 3Page - Intersil Corporation ISL6341CCRZ Datasheet HTML 4Page - Intersil Corporation ISL6341CCRZ Datasheet HTML 5Page - Intersil Corporation ISL6341CCRZ Datasheet HTML 6Page - Intersil Corporation ISL6341CCRZ Datasheet HTML 7Page - Intersil Corporation ISL6341CCRZ Datasheet HTML 8Page - Intersil Corporation ISL6341CCRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
FN6538.2
December 2, 2008
Pinout
ISL6341, ISL6341A, ISL6341B, ISL6341C
(10 LD 3x3 TDFN)
TOP VIEW
Block Diagram
2
3
4
1
5
9
8
7
10
6
BOOT
PHASE
UGATE
LGATE/OCSET
GND
PGOOD
VOS
FB
COMP/EN
VCC
+
-
+
-
+
-
OSCILLATOR
INHIBIT
PWM
COMPARATOR
ERROR
AMP
VCC
PWM
GND
FB
COMP/EN
OC
COMPARATOR
GATE
CONTROL
LOGIC
BOOT
UGATE
PHASE
10µA
300kHz OR 600kHz
LGATE/OCSET
VCC
SOFT-START
POR AND
SAMPLE
AND
HOLD
+
-
EN
0.7V
INTERNAL
REGULATOR
EN
0.8V
TO
LGATE/OCSET
20µA
20k
Ω
5V INT.
5V INT.
+
-
+
-
+
-
+
-
VOS
PGOOD
OV2
UV2
OV1
UV1
+25%
-25%
+10%
-10%
OC
ISL6341, ISL6341A, ISL6341B, ISL6341C


Similar Part No. - ISL6341CCRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6341CCRZ INTERSIL-ISL6341CCRZ Datasheet
302Kb / 17P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6341CCRZ RENESAS-ISL6341CCRZ Datasheet
803Kb / 18P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results

Similar Description - ISL6341CCRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6341 RENESAS-ISL6341 Datasheet
803Kb / 18P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6545 INTERSIL-ISL6545 Datasheet
369Kb / 16P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
April 29, 2010
ISL6341 INTERSIL-ISL6341 Datasheet
302Kb / 17P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6545 RENESAS-ISL6545 Datasheet
838Kb / 17P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
October 7, 2015
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com